Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2574 Datasheet(HTML) 1 Page - Texas Instruments

  TLC2574 Datasheet HTML 1Page - Texas Instruments TLC2574 Datasheet HTML 2Page - Texas Instruments TLC2574 Datasheet HTML 3Page - Texas Instruments TLC2574 Datasheet HTML 4Page - Texas Instruments TLC2574 Datasheet HTML 5Page - Texas Instruments TLC2574 Datasheet HTML 6Page - Texas Instruments TLC2574 Datasheet HTML 7Page - Texas Instruments TLC2574 Datasheet HTML 8Page - Texas Instruments TLC2574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SCLK
FS
SDI
EOC/INT
SDO
DGND
DVDD
CS
A0
A1
A2
A3
CSTART
AVDD
AGND
COMP
REFM
REFP
AGND
AVDD
A7
A6
A5
A4
TLC3578, TLC2578
DW OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SCLK
FS
SDI
EOC/INT
SDO
DGND
DVDD
CS
A0
A1
CSTART
AVDD
AGND
COMP
REFM
REFP
AGND
AVDD
A3
A2
TLC3574, TLC2574
DW, N, OR PW PACKAGE
(TOP VIEW)
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 14-Bit Resolution for TLC3574/78, 12-Bit for
TLC2574/2578
D Maximum Throughput 200-KSPS
D Multiple Analog Inputs:
− 8 Single-Ended Channels for
TLC3578/2578
− 4 Single-Ended Channels for
TLC3574/2574
D Analog Input Range: ±10 V
D Pseudodifferential Analog Inputs
D SPI/DSP-Compatible Serial Interfaces With
SCLK up to 25-MHz
D Built-In Conversion Clock and 8x FIFO
D Single 5-V Analog Supply; 3-/5-V Digital
Supply
D Low-Power
− 5.8 mA in Normal Operation
− 20
µA in Power Down
D Programmable Autochannel Sweep and
Repeat
D Hardware-Controlled, Programmable
Sampling Period
D Hardware Default Configuration
D INL: TLC3574/78: ±1 LSB;
TLC2574/78:
±0.5 LSB
D DNL: TLC3574/78: ±0.5 LSB;
TLC2574/78:
±0.5 LSB
D SINAD: TLC3574/78: 79 dB;
TLC2574/78: 72 dB
D THD: TLC3574/78: −82 dB;
TLC2574/78: −82 dB
description
The TLC3574, TLC3578, TLC2574, and TLC2578 are a family of high-performance, low-power, CMOS
analog-to-digital converters (ADC). TLC3574/78 is a 14-bit ADC; TLC2574/78 is a 12-bit ADC. All parts operate
from single 5-V analog power supply and 3-V to 5-V digital supply. The serial interface consists of four digital
input [chip select (CS), frame sync (FS), serial input-output clock (SCLK), serial data input (SDI)], and a 3-state
serial data output (SDO). CS (works as SS, slave select), SDI, SDO and SCLK form an SPI interface. FS, SDI,
SDO, and SCLK form DSP interface. The frame sync signal (FS) indicates the start of a serial data frame being
transferred. When multiple converters connect to one serial port of a DSP, CS works as the chip select to allow
the host DSP to access the individual converter. CS can be tied to ground if only one converter is used. FS must
be tied to DVDD if it is not used (such as in an SPI interface). When SDI is tied to DVDD, the device is set in
hardware default mode after power on and no software configuration is required. In the simplest case, only three
wires (SDO, SCLK, and CS or FS) are needed to interface with the host.
Copyright
 2000 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC2574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC2574 TI1-TLC2574 Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2574 TI-TLC2574 Datasheet
1Mb / 49P
5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2574 TI1-TLC2574 Datasheet
1Mb / 50P
14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
TLC2574IDW TI1-TLC2574IDW Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
More results

Similar Description - TLC2574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com