Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P112 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P112
Description  High reliability, solid state silicon pressure sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P112 Datasheet(HTML) 2 Page - Amphenol Corporation

  P112 Datasheet HTML 1Page - Amphenol Corporation P112 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P112 Medium Pressure
SensorDieSpecifications
Parameter
Value
Units
Notes
General
PressureRanges
15
psi
≈103kPa
30
psi
≈207kPa
50
psi
≈345kPa
100
psi
≈689kPa
200
psi
≈1379kPa
MaximumOverpressure
2X
ratedpressure
Electrical @ 25°C (72°F) unless otherwise stated
Excitation
1.0
mA
10VDCMax
InputImpedance
5000±20%
ohms
OutputImpedance
5000±20%
ohms
Environmental
TemperatureRange
Operating
-40to125
°C
40°Fto257°F
Storage
-55to150
°C
-67°Fto302°F
(Note6)
Mechanical
Weight
0.04
grams
MediaCompatibility
Clean,dryair
noncorrosive
gases
Performance Parameters (Note 5)
Units
Value(5)
Notes
ZeroOffset
mV
±25
1
FullScaleOutput
mV
85to127
Linearity
%FSO
±.25
2
PressureHysteresis
%FSO
0.05
Temperature
µV/V/°C
30
3
CoefficientofZero
Temperature
%/°C
0.38
3
CoefficientofResistance
Temperature
%FSO/°C
-0.19
3
CoefficientofSensitivity
Thermal
%FSO
0.2
3
HysteresisofZero
LongTermStabilityofFSO %FSO
0.2
4
Notes:
1. 0kPaAforabsolutesensors,0KPaGfordifferentialorgaugesensors
2. Bestfitstraightline
3. Typicalvaluebetween0°Cand70°C(32°Fand158°F)
4. Typicalvalueoveroneyear
5. Allvaluesmeasuredat25°C(77°F)and1mAexcitation,unlessotherwise
noted
6. Sensordieonly.Doesnotincludering,tapeorcase.
Ordering Information
Pressure
Gauge
Absolute
15psi
51155
51156
30psi
51206
51247
50psi
51157
51158
100psi
51159
51160
200psi
51212
51269
Minimumreleasequantity:2wafersorapproximately900dice.
Schematicandwirebonddiagram
Description
TheNovaSensorP112piezoresistivepressuresensoris
offeredinaminiature2.7mmx3.2mm(0.10inx0.12in)
die.Whenexcitedwith1.0mA,theP112producesamillivolt
outputthatisproportionaltoinputpressure.TheP112is
availableasanabsolutepressuresensorwherethemedia
pressureisreferencedtoaninternalvacuumsealedinthe
die.TheP112isalsoavailableasadifferentialandgauge
sensor.WithNovaSensor’sSenStable®process,theP112
willprovideverygoodlong-termstabilityandexcellent
repeatability.WithNovaSensor’s“flatprocess,”theP112can
betemperaturecompensatedforeitheraconstantcurrentor
aconstantvoltagepowersupply.
AAS-920-439B-08/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com