Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5922 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5922
Description  LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5922 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5922 Datasheet HTML 1Page - Texas Instruments TLC5922 Datasheet HTML 2Page - Texas Instruments TLC5922 Datasheet HTML 3Page - Texas Instruments TLC5922 Datasheet HTML 4Page - Texas Instruments TLC5922 Datasheet HTML 5Page - Texas Instruments TLC5922 Datasheet HTML 6Page - Texas Instruments TLC5922 Datasheet HTML 7Page - Texas Instruments TLC5922 Datasheet HTML 8Page - Texas Instruments TLC5922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
D Q
FF
FF
FF
LAT
LAT
LAT
VCC
XDOWN
SW0
SW1
SW15
16
16[output] Constant
Current Driver
with Dot Correction
PGND
OUT15
OUT0
D Q
FF
LAT
FF
LAT
FF
LAT
DC15[6]
BLANK
0
1
0
0
0
1
XLAT
SCLK
SIN
IREF
GND
SOUT
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
DC0[1]
DC0[0]
BLANK
1
1
TLC5922
SLVS486 – SEPTEMBER 2003
LED DRIVER
FEATURES
DESCRIPTION
•
16 Channels
The TLC5922 is a constant-current sink driver with 128
steps of adjustable current value (dot-correction). Each
•
Drive Capability
of the 16 channels has an individually controlled
– 0 to 80 mA (Constant-Current Sink) x 16 ch
dot-correction and an ON/OFF state. Both the ON/OFF
•
Constant Current Accuracy
and dot-correction have their respective modes set via
–
±1% (typ)
1 port of serial I/F. The maximum current value of the
constant-current output of all 16 channels is pro-
•
1 Port of Serial Data Input/Output
grammed by a single external resistor. An external
•
Fast Switching Output: Tr / Tf = 10ns (typ)
processor programs each of the 16 channels of the
TLC5922 with the desired ON/OFF state and
•
CMOS Input/Output
dot-correction value through a single serial interface.
•
30 MHz Data Transfer Rate
After all data is loaded, the processor then latches the
•
Vcc = 3 V to 5.5 V
information into the TLC5922 and enables the outputs.
•
Operating Temperature = -20
°C to 85 °C
The TLC5922 includes two error flags. First is the LED
open detection (LOD) which indicates a broken LED at
•
LED Supply Voltage up to 17 V
an output terminal. The second is a thermal error flag
•
32-pin HTSSOP (PowerPADTM) Package
(TEF) which indicates an over temperature condition.
•
Dot Correction
The TLC5922 has two methods to communicate these
– 128-Step For Each Individual 16 ch
error flags to the external processor. One method is on
a dedicated output pin, XDOWN. The other method is
•
Controlled In-Rush Current
through the serial data output pin, SOUT.
•
Error Information
– LOD: LED Open Detection
– TEF: Thermal Error Flag
APPLICATIONS
•
LED Display
•
LED Signboard
FUNCTIONAL BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - TLC5922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5922DAP TI1-TLC5922DAP Datasheet
378Kb / 19P
LED DRIVER
TLC5922DAPG4 TI1-TLC5922DAPG4 Datasheet
378Kb / 19P
LED DRIVER
TLC5922DAPR TI1-TLC5922DAPR Datasheet
378Kb / 19P
LED DRIVER
TLC5922DAPRG4 TI1-TLC5922DAPRG4 Datasheet
378Kb / 19P
LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
LED DRIVER
More results

Similar Description - TLC5922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com