Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30-04E-B-2-R Datasheet(PDF) 2 Page - Amphenol Corporation

Part # M30-04E-B-2-R
Description  General Eastern Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

M30-04E-B-2-R Datasheet(HTML) 2 Page - Amphenol Corporation

  M30-04E-B-2-R Datasheet HTML 1Page - Amphenol Corporation M30-04E-B-2-R Datasheet HTML 2Page - Amphenol Corporation M30-04E-B-2-R Datasheet HTML 3Page - Amphenol Corporation M30-04E-B-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operation
The pressure sensing element is a differential
capacitance cell for pressure measurements ranging
from 0.1 in to 5 in (3.04 mm to 127 mm) of water (25
kPa to 1.0 kPa), or piezoresistive (silicon) sensors for
pressure measurements ranging from 5 in (127 mm) of
water to 10 in (1.0 kPa to 2.5 kPa).
The capacitance cell is capable of sensing very low,
negative or differential pressures.
A very lightweight, responsive diaphragm within the
cell deflects a small amount when a small pressure
is applied. This deflection results in a change in
capacitance which is then detected and amplified
electronically.
The piezoresistive sensor is a solid state device
designed in a Wheatstone bridge configuration. When
pressure is applied to the device, the resistance of the
bridge changes by a small amount. The output of the
bridge is ratiometric to the supply voltage, and a small
change in resistance is detected as a change in output
voltage.
Standard Pressure Ranges
US Units
Pressure Code
Pressure Range
Maximum Safe
Momentary
Overpressure
03E
0to0.300inH20
-
04E
0to0.500inH20
-
05E
0to1.00inH20
-
06E
0 to 2.00 in H20
20 inH2O
07E
0to3.00inH20
-
08E
0to5.00inH20
-
Metric Units, Millimeters of Water
Pressure Code
Pressure Range
Maximum Safe
Momentary
Overpressure
03M
0to7.50mmH20
-
04M
0to10.00mmH20
-
05M
0to25.0mmH20
-
06M
0 to 50.0 mm H20
500 mm
07M
0to75.0mmH20
-
08M
0to100mmH20
-
Metric Units, Pascal
Pressure Code
Pressure Range
Maximum Safe
Momentary
Overpressure
03P
0to75.0Pa
-
04P
0to100.0Pa
-
05P
0to250Pa
-
06P
0 to 500 Pa
5 kPa
07P
0to750Pa
-
08P
0to1.00kPa
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com