Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30-05E-B-2-R Datasheet(PDF) 3 Page - Amphenol Corporation

Part # M30-05E-B-2-R
Description  General Eastern Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

M30-05E-B-2-R Datasheet(HTML) 3 Page - Amphenol Corporation

  M30-05E-B-2-R Datasheet HTML 1Page - Amphenol Corporation M30-05E-B-2-R Datasheet HTML 2Page - Amphenol Corporation M30-05E-B-2-R Datasheet HTML 3Page - Amphenol Corporation M30-05E-B-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M Series Specifications
Performance
Accuracy
±1%ofSpan(includingnon-linearityandhysteresis)
Calibration
Traceable to National Institute of Standards and
Technology (NIST)
Environmental
Operating Temperature Range
32°F to 115°F (0°C to 45°C)
Storage Temperature
-20°Fto160°F(-30°Cto70°C)
Effect of Temperature on Zero
±0.05%/°C
Effect of Temperature on Span
±0.02%/°C
Operating Humidity Range
10%to90%RH,non-condensing
Shock Resistance
10 G (11 ms)
Vibration Resistance
5 G to 50 Hz
Electrical Connectors
PolarizedEuro-plug/connectors
Connections
Pluggable terminal block for wire, 14 to 26 AWG
Material
Glass filled polyester
Physical
Dimensions
3.56 in x 4.54 in x 2.18 in (90 mm x 115 mm x 55 mm)
Material
Aluminum alloy #A380
Cover Screws
M4stainlesssteel,non-magnetic
Finish
Black epoxy paint
Knockout
Choice of 2 holes. Knockout hole sizes 1/2 in (12.70 mm)
conduit, PG11 or PG13. Cable glands not included.
Pressure Port Connection
3/16 in (4.57 mm) diameter
Suitable for:
• 1/8in(3.04mm)IDTygon™orpolyurethanetubing
0.11 in to 0.15 in (3 mm to 4 mm)
• 1/4in(6.35mm)ODpolyethylenetubing0.23in
(6 mm)
Weight
1.27 lb (576 g) maximum
Integral filters at both ports. Measures differential, gage
pressure or vacuum. Suitable for air or inert gases.
2 mounting holes for
#8 (4 mm) maximum screw
2.4 in (60 mm)
mounting hole
0.6 in
(15 mm)
0.26 in
(6.5 mm
4.0 in (102 mm)
mounting holes
4.54 in (115 mm
3.6 in
(90 mm)
G11, PG13 or 1/2 conduit holes
1.2 in
(30.5 mm)
1.37 in
(35 mm)
1.35 in
(34 mm)
High
Low
2.5 in
(63.5 mm)
3.4 in (86.5 mm)
Pressure Port



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com