Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2000D Datasheet(PDF) 5 Page - Amphenol Corporation

Part # L2000D
Description  PROTIMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L2000D Datasheet(HTML) 5 Page - Amphenol Corporation

  L2000D Datasheet HTML 1Page - Amphenol Corporation L2000D Datasheet HTML 2Page - Amphenol Corporation L2000D Datasheet HTML 3Page - Amphenol Corporation L2000D Datasheet HTML 4Page - Amphenol Corporation L2000D Datasheet HTML 5Page - Amphenol Corporation L2000D Datasheet HTML 6Page - Amphenol Corporation L2000D Datasheet HTML 7Page - Amphenol Corporation L2000D Datasheet HTML 8Page - Amphenol Corporation L2000D Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 5 of 11
March 2014
Protimeter Speedy
Troubleshooting
Use the following procedures to troubleshoot suspected inaccurate results.
Suspected Low Reading
If the Speedy gauge readings are lower than you expect or anticipate, check the following:
• Was the test procedure followed correctly? Ensure the correct sample weight is used, the sample is placed in the Speedy
vessel, and the calcium carbide reagent is placed in the Speedy cap. Also, make sure the Speedy vessel and cap are united
and sealed in the horizontal plane to prevent premature contact of the reagent and sample.
• Was there was adequate cleaning of the Speedy vessel and cap between tests? Ensure all residues from previous tests have
been removed from the cap and vessel before starting a new test.
• Was sufficient reagent used? Repeat the test using an additional scoop of reagent.
• Was the reagent ineffective? Ensure that the reagent is fresh.
Note: The color of fresh reagent is dark gray; ineffective reagent that has been exposed to moisture in the air or other
sources will have turned light gray in color.
• Was sample preparation or sample-reagent mixing adequate? Consider grinding the sample prior to weighing and/or (for
Large Speedy only) using pulverizing balls.
• Was the temperature too low? Low readings may be recorded if the Speedy is used in very low temperatures. Take
numerous readings in quick succession to raise the operating temperature of the Speedy.
• Was there a pressure loss? Visually check the cap washer for signs of holes or leak paths. Remove the pressure gauge and
visually check the pressure gauge washer. Visually check the Speedy vessel and cap for hairline cracks.
• Is the pressure gauge defective? If the needle does not sweep smoothly across the scale plate, replace the gauge or return the
Speedy tester to an authorized distributor for service.
Suspected High Reading
If the Speedy gauge readings are higher than you expect or anticipate, check the following:
• Was the correct sample weight used? Ensure that the sample weight is weighed correctly.
• Was the gauge read correctly? Ensure that the Speedy is held in the horizontal plane at eye level when reading the pressure
gauge.
• Was the temperature too high? High readings may be recorded if the Speedy is used in very high temperatures. If the
Speedy is warm/hot to touch as a result of taking many readings in quick succession, allow time for it to cool down before
taking more tests.
• Is the pressure gauge defective? If the needle does not return to zero after releasing the pressure from the Speedy, replace
the gauge or return the Speedy tester to an authorized distributor for service.
Recommended Spares and Consumables
It may be wise to consider having the following spares and consumables available when using the Speedy tester, especially in
remote locations:
• batteries for the electronic scale, AA/LR6 1.5V (3 required)
• Speedy cap washer
• pressure gauge washer
• pressure gauge (note the measurement range)
• cleaning brushes
Other spares parts for the Speedy vessel are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com