Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7915CT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7915CT
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7915CT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM7915CT Datasheet HTML 2Page - National Semiconductor (TI) LM7915CT Datasheet HTML 3Page - National Semiconductor (TI) LM7915CT Datasheet HTML 4Page - National Semiconductor (TI) LM7915CT Datasheet HTML 5Page - National Semiconductor (TI) LM7915CT Datasheet HTML 6Page - National Semiconductor (TI) LM7915CT Datasheet HTML 7Page - National Semiconductor (TI) LM7915CT Datasheet HTML 8Page - National Semiconductor (TI) LM7915CT Datasheet HTML 9Page - National Semiconductor (TI) LM7915CT Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Applications (Continued)
High-Sensitivity Light Controller
TLH7340 – 9
Lamp brightness increases until ii e 5VR1 (Ii can be set as low as 1 mA)
Necessary only if raw supply filter capacitor is more than 2
from LM7905
g
15V 1 Amp Tracking Regulators
TLH7340 – 1
(b15)
(a15)
Load Regulation at DIL e 1A
40 mV
2 mV
Output Ripple CIN e 3000 mF IL e 1A
100 mVrms
100 mVrms
Temperature Stability
50 mV
50 mV
Output Noise 10 Hz s f s 10 kHz
150 mVrms
150 mVrms
Resistor tolerance of R4 and R5 determine matching of (a) and (b)
outputs
Necessary only if raw supply filter capacitors are more than 3 from regu-
lators
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com