Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3BB-RAA Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # E3BB-RAA
Description  Combined Fire and MNS System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E3BB-RAA Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  E3BB-RAA Datasheet HTML 1Page - Gamewell-FCI by Honeywell E3BB-RAA Datasheet HTML 2Page - Gamewell-FCI by Honeywell E3BB-RAA Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2016 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60758 Rev. C page 1 of 3
E3 Series® Combined
Fire and MNS System
Combined Fire and MNS System
Description
E3 Series® is a registered trademark of Honeywell International Inc.
UL® is a registered trademark of Underwriter’s Laboratories Inc.
The Gamewell-FCI, E3 Series® Broadband Emergency
Voice Evacuation System and the E3 Series Broadband
Networked Fire Alarm System can be combined on the
common network to form a combination Fire and Mass
Notification (MNS) System in accordance with the NFPA
and UL Standard UL2572 requirements. The E3 Series
modules, nodes and control panels are peer-to-peer, self-
regenerating, token ring passing networks consisting of
either of the following:
•
2 to 64 nodes
•
up to 122 nodes with the addition of an ANX
Note: The ANX is used for Fire applications only.
The E3 Series System is a modular design. This adaptable
design allows a wide range of configurations to form an
integrated, distributed fire alarm system in combination
with the audio evacuation for use with both Fire and Mass
Notification functions. In addition, the design can be used
as a dedicated, standalone Mass Notification System with-
out a fire alarm service.
The network communication conveys all of the following
Fire Alarm and Mass Notification control functions:
•
Audio evacuation
•
Voice paging
•
Fire fighter communications over a single pair of wires
or fiber-optic cable
A Region contains only one ACU (Autonomous Control
Unit), and multiple LOCs (Local Operating Consoles).
Speaker circuits cannot be shared by Regions. The individ-
ual node types and modules in the E3 Series System fam-
ily are interconnected to form the ACU and the LOC panels
for Mass Notification as well as the following:
•
Fire Command
•
Control and Detection
•
AV Signaling
•
Audio functional units within the overall network system
E3 Series Combined Fire and MNS System
Features
•
Listed under ANSI/UL® Standard UL2572 for
Mass Notification.
•
Listed under ANSI/UL Standard 864, 9th Edition.
•
IBC Seismic Certified.
•
Offers the Base Platform for the Emergency
Communications System.
•
Provides true, seamless and scalable integration for
Fire and Mass Notification that is configured applying
the E3 Series building blocks using up to 122 nodes.
•
Includes a cost-effective, supervised, “Style 7” network
wiring using a single pair of wire or fiber-optics at 625K
baud.
•
Contains a compact, Local Operating Console (LOC)
that is designed for installation in lobbies, doorways and
hallways allowing quick access to do the following:
- Broadcast MNS announcements.
- View the System Status messages.
•
Designed with a user-friendly, color touchscreen display
that provides all Fire and MNS Events at all locations.
•
Installs a simple configuration of multiple LOCs with
expandability from 16 to 64 programmable switches for
status, message activation and control.
SIGNALING
S1869
S1949


Similar Part No. - E3BB-RAA

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
E3BB-RA2 GAMEWELL-FCI-E3BB-RA2 Datasheet
61Kb / 1P
LCD Touchscreen Annunciator Display
More results

Similar Description - E3BB-RAA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4M MACOM-MA4M Datasheet
40Kb / 4P
MNS Microwave Chip Capacitors
logo
M/A-COM Technology Solu...
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
logo
Microsemi Corporation
GC84001 MICROSEMI-GC84001 Datasheet
78Kb / 2P
PASSIVE DEVICES MNS Capacitors
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
MNS Microwave Chip Capacitors
logo
Fairchild Semiconductor
AN-7515 FAIRCHILD-AN-7515 Datasheet
549Kb / 7P
Combined Single-Pulse and Repetitive UIS Rating System
logo
M/A-COM Technology Solu...
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
MNS Microwave Chip Capacitors
logo
Gamewell-FCI by Honeywe...
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
logo
Bosch Sensortec GmbH
BME280 BOSCH-BME280 Datasheet
1Mb / 55P
Combined humidity and pressure sensor
logo
Murata Manufacturing Co...
SAWFD1G90AH0F0A MURATA1-SAWFD1G90AH0F0A Datasheet
449Kb / 8P
Input and Output Combined Type
logo
Vaisala
PTU300 VAISALA-PTU300 Datasheet
5Mb / 5P
Combined Pressure, Humidity and Temperature Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com