Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3BB-RAA1 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # E3BB-RAA1
Description  Combined Fire and MNS System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E3BB-RAA1 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  E3BB-RAA1 Datasheet HTML 1Page - Gamewell-FCI by Honeywell E3BB-RAA1 Datasheet HTML 2Page - Gamewell-FCI by Honeywell E3BB-RAA1 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9021-60758 Rev. C page 3 of 3
Ordering Information
E3 Cabinets and Remote Cabinets for MNS
Part Number
Description
REMOTE “AA” CAB SIZE
Remote “AA” CAB Replaces E3BB-BA
Dimensions:
19 1/4” W x 10” H x 4 1/2” D
(49 W x 25 H x 11 D cm)
E3BB-BAA
Enclosure, LOC, “AA” Size, Black
E3BB-RAA
Enclosure, LOC, “AA” Size, Red
E3ID3-A
Assembly, Door, Inner, 3 Slots, “AA”
(NGA, ASM-16 and MIC)
E3ID2-TA
Assembly, Door, Inner, 2 Slots, “AA”
(INCC-TEL and ASM-16)
90510
Kit, AOM-TEL Plate, E3 (LOC)
90492
Thumb Lock
REMOTE “AA1 & A2” CAB SIZE
Remote “AA1 & A2” CAB
Remote “AA1”CAB
Replaces E3BB-BA1
Dimensions:
8 3/4” W x 10” H x 4 1/2” D
(22.2 W x 25 H x 11 D cm)
E3BB-BAA1
Enclosure, “AA1” Size, Black
E3BB-RAA1
Enclosure, “AA1” Size, Red
Remote “A2” CAB
Dimensions:
13 1/4” W x 10” H x 4 1/2” D
(40 W x 25 H x 11 D cm)
E3BB-BA2
Enclosure, “A2” Size, Black (Deep)
E3BB-RA2
Enclosure, “A2” Size, Red (Deep)
Flush Cabinet A2 Annunciators
E3BB-NGA-FLUSH
CAB A2 Remote Flush NGA ANN with Password
Protection
E3 SERIES CABINETS “B”, “C”, “D” SIZES
CABINET “B” SIZE
Dimensions:
19 3/8 W x 19 3/8” H x 4 1/2” D
(49 W x 49 H x 11 D cm)
E3BB-BB
Enclosure, LOC “B” Size, Black
E3BB-RB
Enclosure, LOC “B” Size, Red
1100-0453
INCC-IDT, Inner Door with 2 Slots,
INCC-TEL LOC
1100-0454
INCC-ID-6, Inner Door with 6 Slots,
INCC-CAB-LOC
1100-0460
INX-CAB, Enclosure, Transponder,
B Size, Black
1100-0461
INX-CAB-R, Enclosure, Transponder,
B Size, Red
Ordering Information (Continued)
E3 Cabinets and Remote Cabinets for MNS
Part Number
Description
CABINET “C” SIZE
Dimensions:
19 3/8” W x 30” H x 4 1/2” D
(49 W x 76 H x 11 D cm)
E3BB-BC/INCC
Enclosure, Combination Fire/ACU
Black “C” Size
E3BB-RC/INCC
Enclosure, Combination Fire/ACU
Red “C” Size
E3BB-BC/INX
Enclosure, Transponder, “C” Size,
Black
E3BB-RC/INX
Enclosure, Transponder, “C” Size,
Red
MOUNTING PLATE, “C” CAB
E3-INCC-CPLATE ACU Command Center Module
Mounting Plate, “C” Size
E3-INX-CPLATE
Transponder Module Mounting Plate
“C” Size
INNER DOOR, “C” SIZE
E3ID3-C
Assembly, Door, Inner, 3-Bay, “C” Size
CABINET “D” SIZE
Dimensions:
19 3/8” W x 41” H x 4 1/2” D
(49 W x 104 H x 11 D cm)
E3BB-BD/INCC
Enclosure, Combination Fire/ACU
Black “D” Size
E3BB-RD/INCC
Enclosure, Combination Fire/ACU
Red “C” Size
E3BB-BD/INX
Enclosure, Transponder, “D” Size,
Black
E3BB-RD/INX
Enclosure, Transponder, “D” Size,
Red
MOUNTING PLATE “D” CAB
E3-INCC-DPLATE ACU Command Center Module
Mounting Plate, “D” Size
E3-INX-DPLATE
Transponder Module Mounting Plate,
“D” Size
INNER DOOR, “D” SIZE
E3ID3-D
Assembly, Door, Inner, 3-Bay, “D” Size
OPTIONAL EXTENDER PLATE
AM-50 Plate
AM-50 Extender Plate
E3 SERIES TRIMKIT
E3-TRIMKIT-A
Assembly, FNL, TrimRing, CAB A/AA
E3-TRIMKIT-A1
Assembly, FNL, TrimRing, CAB AA1
E3-TRIMKIT-A2
Assembly,FNL, TrimRing, CAB A2, E3
E3-TRIMKIT-B
Assembly, FNL, TrimRing, CAB C, E3
E3-TRIMKIT-C
Assembly, FNL, TrimRing, CAB C, E3
E3-TRIMKIT-D
Assembly, FNL, TrimRing, CAB D, E3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com