Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7812 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 7812
Description  Series Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

7812 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  7812 Datasheet HTML 1Page - National Semiconductor (TI) 7812 Datasheet HTML 2Page - National Semiconductor (TI) 7812 Datasheet HTML 3Page - National Semiconductor (TI) 7812 Datasheet HTML 4Page - National Semiconductor (TI) 7812 Datasheet HTML 5Page - National Semiconductor (TI) 7812 Datasheet HTML 6Page - National Semiconductor (TI) 7812 Datasheet HTML 7Page - National Semiconductor (TI) 7812 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics LM78XXC (Note 2) (Continued)
0˚C
≤ T
J ≤ 125˚C unless otherwise noted.
Output Voltage
5V
12V
15V
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Short-Circuit
Current
Tj = 25˚C
2.1
1.5
1.2
A
Peak Output
Current
Tj = 25˚C
2.4
2.4
2.4
A
Average TC of
V
OUT
0˚C
≤ Tj ≤ +125˚C, I
O = 5 mA
0.6
1.5
1.8
mV/˚C
V
IN
Input Voltage
Required to
Maintain
Tj = 25˚C, I
O ≤ 1A
7.5
14.6
17.7
V
Line Regulation
Note 1: Thermal resistance of the TO-3 package (K, KC) is typically 4˚C/W junction to case and 35˚C/W case to ambient. Thermal resistance of the TO-220 package
(T) is typically 4˚C/W junction to case and 50˚C/W case to ambient.
Note 2: All characteristics are measured with capacitor across the input of 0.22 µF, and a capacitor across the output of 0.1µF. All characteristics except noise voltage
and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%). Output voltage changes due to changes in internal temperature must
be taken into account separately.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and the test conditions, see Elec-
trical Characteristics.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com