Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF315 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF315
Description  SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF315 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF315 Datasheet HTML 1Page - Advanced Crystal Technology ACTF315 Datasheet HTML 2Page - Advanced Crystal Technology ACTF315 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3 OF 3
5-2.Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Centre Frequency
fC
(Centre frequency between 3dB points)
315.000
MHz
Insertion Loss
IL
--
3.5
5.0
dB
3dB Pass band
BW3
±300
±500
kHz
at fC -21.4MHz (Image)
40
50
--
at fC -10.7MHz (LO)
15
30
--
Rejection
Ultimate
--
60
--
dB
Turnover Temperature
TO
25
55
°
C
Turnover Frequency
fO
fc
MHz
Temperature
Frequency Temperature Coefficient
FTC
0.03
ppm/°C2
Frequency Aging Absolute Value during the First Year
|fA|
10
ppm/yr
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1. The frequency fC is defined as the midpoint between the 3dB frequencies.
2. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50 Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum
insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are
dependent on the impedance matching component values and quality.
3. Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4. Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the
specification for prolonged temperatures above +65°C. Typically, aging is greatest the first year after
manufacture, decreasing in subsequent years.
5. Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f 0. The nominal frequency
at any case temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)2].
6. The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
7. All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
8. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com