Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT49M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT49M
Description  Low Profile SMD Type Crystal Units
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT49M Datasheet(HTML) 1 Page - Vishay Siliconix

  XT49M Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 35012
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 14-Aug-03
1
Low Profile SMD Type Crystal Units
XT49M
Vishay Dale
FEATURES
• Low cost
• Industry standard
• Wide frequency range
• Excellent aging
• Surface mount
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
Fo
MHz
3.200
66.000
Frequency Tolerance
∆F/Fo
at 25ºC
ppm
± 10
± 30
± 50
Temperature Stability
TC
ref to 25ºC
ppm
± 10
± 30
± 50
Operating Temperature Range
TOPR
°C
- 20*
+ 70*
Storage Temperature Range
TSTG
°C
- 40
+ 85
Shunt Capacitance
Co
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100VDC
MΩ
500
Drive Level
DL
µW
100
500
Aging
Fa
at 25ºC, per year
ppm
- 5.0
+ 5.0
DIMENSIONS in inches [millimeters]
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE(MHZ)
MAX ESR(Ω
Ω
Ω
Ω)
MODE
FREQUENCY RANGE(MHZ)
MAX ESR(Ω
Ω
Ω
Ω)
MODE
3.200 to 4.499
150
Fundamental/AT
9.000 to 9.999
60
Fundamental/AT
4.500 to 5.999
120
Fundamental/AT
10.000 to 12.999
50
Fundamental/AT
6.000 to 6.999
100
Fundamental/AT
13.000 to 30.000
40
Fundamental/AT
7.000 to 7.999
90
Fundamental/AT
30.000 to 66.000
80
3rd Overtone
8.000 to 8.999
80
Fundamental/AT
0.150
[3.8] Max
0.403
[10.24] Max
CRYSTAL UNIT
0.177
[4.5] Max
0.012 [0.3] Max
0.008
[0.2] Max
0.150 [3.8] Max
0.078
[2.0]
0.236 [6.0]
0.354 [9.0]
0.201 ± 0.020 [5.1 ± 0.5]
0.449 ± 0.012 [11.4 ± 0.3]
0.508 ± 0.016 [12.9 ± 0.4]
0.031 ± 0.012
[0.8 ± 0.3]
0.185 ± 0.012
[4.7 ± 0.3]
INSULATION BASE
CRYSTAL LEAD
SOLDER PATTERN
ORDERING INFORMATION
XT49M
MODEL
R
OTR
Blank = Standard
R = - 40°C to +85°C
- 20
LOAD
Blank = Series
- 20 = 20pF
- 30 = 30pF
- 32 = 32pF
20M
FREQUENCY/MHz
This part is a miniature AT cut strip crystal unit packaged for
surface mounting.


Similar Part No. - XT49M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49M VISHAY-XT49M Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M Datasheet
113Kb / 3P
Low Profile SMD Type Crystal Units
13-Jan-2020
XT49M-2020ME2 VISHAY-XT49M-2020ME2 Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M-2020ME2 VISHAY-XT49M-2020ME2 Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
More results

Similar Description - XT49M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49SM ETC1-HC-49SM Datasheet
50Kb / 1P
LOW PROFILE SMD RYPE CRYSTAL UNITS
logo
Vishay Siliconix
XT49S VISHAY-XT49S Datasheet
97Kb / 1P
Low Profile Holder Type Crystal Units
25-Aug-05
XT49SL VISHAY-XT49SL Datasheet
90Kb / 3P
Low Profile Holder Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M_07 Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49ML VISHAY-XT49ML Datasheet
102Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M_10 Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M_13 Datasheet
109Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49S VISHAY-XT49S_13 Datasheet
73Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
logo
Shenzhen Luguang Electr...
HC-49S LUGUANG-HC-49S Datasheet
440Kb / 2P
Low Profile Holder Type Crystal Units
logo
Vishay Siliconix
XT49M VISHAY-XT49M_V01 Datasheet
113Kb / 3P
Low Profile SMD Type Crystal Units
13-Jan-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com