Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8198CDS/R Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8198CDS/R
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198CDS/R Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8198CDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8198CDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
28
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
Offset DAC
(Red)
7:0
DAC[7:0]
0
Red channel offset DAC value
Offset DAC
(Green)
7:0
DAC[7:0]
0
Green channel offset DAC value
Offset DAC
(Blue)
7:0
DAC[7:0]
0
Blue channel offset DAC value
Offset DAC
(RGB)
7:0
DAC[7:0]
0
A write to this register location causes the red, green and blue offset DAC
registers to be overwritten by the new value
PGA gain
LSB (Red)
0
PGA[0]
0
This register bit forms the LSB of the red channel PGA gain code. PGA gain
is determined by combining this register bit and the 8 MSBs contained in
register 101000.
PGA gain
LSB (Green)
0
PGA[0]
0
This register bit forms the LSB of the green channel PGA gain code. PGA
gain is determined by combining this register bit and the 8 MSBs contained in
register 101001.
PGA gain
LSB (Blue)
0
PGA[0]
0
This register bit forms the LSB of the blue channel PGA gain code. PGA gain
is determined by combining this register bit and the 8 MSBs contained in
register 101010.
PGA gain
LSB (RGB)
0
PGA[0]
0
A write to this register location causes the red, green and blue PGA LSB gain
registers to be overwritten by the new value
PGA gain
MSBs (Red)
7:0
PGA[8:1]
0
Bits 8 to 1 of red PGA gain. Combined with red LSB register bit to form
complete PGA gain code.
When PGAMODE=0: PGA Gain (V/V) = 416/(566-PGA[8:0)
When PGAMODE=1: PGA gain (V/V) = 1 + PGA[8:0]x4/511
PGA gain
MSBs
(Green)
7:0
PGA[8:1]
0
Bits 8 to 1 of red PGA gain. Combined with green LSB register bit to form
complete PGA gain code.
When PGAMODE=0: PGA Gain (V/V) = 416/(566-PGA[8:0)
When PGAMODE=1: PGA gain (V/V) = 1 + PGA[8:0]x4/511
PGA gain
MSBs (Blue)
7:0
PGA[8:1]
0
Bits 8 to 1 of red PGA gain. Combined with blue LSB register bit to form
complete PGA gain code.
When PGAMODE=0: PGA Gain (V/V) = 416/(566-PGA[8:0)
When PGAMODE=1: PGA gain (V/V) = 1 + PGA[8:0]x4/511
PGA gain
MSBs
(RGB)
7:0
PGA[8:1]
0
A write to this register location causes the red, green and blue PGA MSB gain
registers to be overwritten by the new value.
Table 6 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com