Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8608 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
13
CONTROL INTERFACE TIMING – 2-WIRE MODE
SDIN
SCLK
t
3
t
1
t
6
t
2
t
7
t
5
t
4
t
3
t
8
t
10
Figure 5 Control Interface Timing – 2-Wire Serial Control Mode
Test Conditions
AVDD, DVDD, BVDD = 3.3V, AGND, DGND, BGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
400
kHz
SCLK Low Pulse-Width
t1
600
ns
SCLK High Pulse-Width
t2
1.3
us
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDIN, SCLK Rise Time
t6
300
ns
SDIN, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 7 Control Interface Timing – 2-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com