Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZOPT2202 Datasheet HTML 1Page - Integrated Device Technology ZOPT2202 Datasheet HTML 2Page - Integrated Device Technology ZOPT2202 Datasheet HTML 3Page - Integrated Device Technology ZOPT2202 Datasheet HTML 4Page - Integrated Device Technology ZOPT2202 Datasheet HTML 5Page - Integrated Device Technology ZOPT2202 Datasheet HTML 6Page - Integrated Device Technology ZOPT2202 Datasheet HTML 7Page - Integrated Device Technology ZOPT2202 Datasheet HTML 8Page - Integrated Device Technology ZOPT2202 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
2
September 21, 2016
Applications
Cellular phones
Notebooks
Consumer devices
I²C
Register File
INT
SDA
SCL
Main State Machine
NVM
Oscillator
Power-On-Reset
Bandgap
Regulator
Reference
GND
VDD
1.7 to 3.6V
Interrupt
Control
= Digital Block
= Analog Block
Sensor
Control
ADC
UVA
ADC
UVB
ADC
UVB2
ADC
COMP
ADC
UV_COMP
ZOPT2202
Block Diagram
Ordering Information
Product Sales Code
Description
Package
ZOPT2202AC5R
ZOPT2202 LGA6 – Temperature range: -40 to +90°C
Reel
ZOPT2202AC9R
ZOPT2202 TSV – Temperature range: -40 to +90°C
Reel
ZOPT2202KIT V1.0
ZOPT2202 Evaluation Kit, including ZOPT Control Board, mini-USB cable, and 1 ZOPT2202 sample mounted
on the LGA6 Sensor Board; kit software is available for free download – see the ZOPT Evaluation Kit Quick
Start-up Guide included in the kit for instructions.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guarante ed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, includin g, but not limited to, the suitability of IDT's products for any particular purpose,
an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey an y license under intellectual
property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreeme nt by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of
Integrated Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com