Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8608EFT Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8608EFT
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608EFT Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8608EFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
21
MASTER CLOCK AND AUDIO SAMPLE RATES
The WM8608 supports a wide range of master clock frequencies on the MCLK pin, and can generate
many commonly used audio sample rates directly from the master clock. (See Table 14 for details.)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
CMAST
1
Master Clock Mode
0 = MCLK input
1 = XIN input
1
MPEG
1
MPEG Mode
0 = see Table 14
1 = MCLK is 27MHz
2
MEDGE
0
Master Clock Active Edge
0 = positive edge
1 = negative edge
R0 (00h)
Clocking
3
CLKDIV2
0
Master Clock Divide by 2
1 = MCLK is divided by 2
0 = MCLK is not divided
Table 12 Clocking and Sample Rate Control (1)
If the WM8608 is running in MPEG mode (i.e. fXIN = 27MHz) the sample can be detected
automatically if the SRDET bit is set. In this case, the SR bits do not need programming.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
SR [3:0]
0000
Sample Rate Control. Refer to
Table 14.
R1 (01h)
Sample Rate
4
SRDET
1
Sample rate detect
1 = Enabled
(in MPEG mode only)
0 = Disabled
Table 13 Clocking and Sample Rate Control (2)
The clocking of the WM8608 is controlled using the CLKDIV2 and SR control bits. Setting the
CLKDIV2 bit divides MCLK by two internally. Each value of SR[3:0] selects one combination of
MCLK division ratios and hence one combination of sample rates (see next page). Since all sample
rates are generated by dividing MCLK, their accuracy depends on the accuracy of MCLK. If MCLK
changes the sample rates change proportionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com