Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACG150 Datasheet(PDF) 4 Page - Recom International Power

Part # RACG150
Description  Built-in Active PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACG150 Datasheet(HTML) 4 Page - Recom International Power

  RACG150 Datasheet HTML 1Page - Recom International Power RACG150 Datasheet HTML 2Page - Recom International Power RACG150 Datasheet HTML 3Page - Recom International Power RACG150 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PA-4
REV.: 1/2016
www.recom-power.com
AC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RACG150
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard box
170 x 102 x 45mm
Packaging Quantity
1pc
Storage Temperature Range
-30°C to +85°C
Storage Humidity
non-condensing
10% - 90%, RH max.
Dimension Drawing (mm)
Connections
Pin #
Single
1
VAC in (L)
2
VAC in (N)
3
GND
4
-Vout
5
-Vout
6
+Vout
7
+Vout
FC: fixing center
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm
Wire diameter: 0.75 to 3.0mm²
+VADJ
LED
Bottom View
Top View
160.0
FC 154.0
23.4
5.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com