Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC60-05OF Datasheet(PDF) 2 Page - Recom International Power

Part # RAC60-05OF
Description  Connector Set available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC60-05OF Datasheet(HTML) 2 Page - Recom International Power

  RAC60-05OF Datasheet HTML 1Page - Recom International Power RAC60-05OF Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER LED
1
2
3
4
1
2
CN1
CN2
VR
A
B
101.6
95.3
3.175
4x 3.3
TRIM
F.G.
F.G.
RAC60-xx/OF
Series
POWERLINE
AC/DC-Converter
Specifications (typical at 25°C and 230VAC)
Package Style and Pinning
Operating Temperature Range
Full Load without derating
-20°C to +50°C
with derating
-20°C to +70°C
Storage Temperature Range
-40°C to +80°C
Operation Humidity
non-condensing
20% - 90% RH
Storage Humidity
10% - 90% RH
Vibration
10-500Hz, 2G, 10 Min. along X, Y and Z
Weight
145g
Dimensions (LxWxH)
101.6 x 50.8 x 30mm
Package Quantity
30pcs / carton
Package Dimensions Carton (LxWxH)
325 x 270 x 220mm
MTBF
(using MIL-HDBK-217F, 25°C)
>450 x 10³ hours
Certifications:
General Safety
Report: E196683
UL-60950-1 2nd
IEC/EN General Safety
Report: PSE103-0658
IEC/EN-60950-1 2nd
EMC
Conducted and Radiated
Report: HA080035-SCCE
EN55022, Class B
Immunity
Report: HA080035-SCCE
EN55024
Report: HA080035-SBFD
FCC, Part 15, Class B
Harmonics
Report: HA080035-SCCE
EN61000-3-2
EN61000-3-3
EN61000-4-2, 3, 4, 5, 6, 8, 11, Critertia A
Emission
Report: HA080035-SCCE
EN61000-6-3
ErP
complies to European Directive for Energy Related Products
2004/125/EC
Notes
Note1:
Mounting holes A, B must be grounded for EMI (Filter Ground)
AC Input Connector (CN1):
Pin#
Terminal
Mating Housing
1 AC/N
WST I39606PS-2
WST P3-I39606
or equivalent
or equivalent
2 AC/L
Note: Detail information about the connectors on www.wst.com.tw
DC Output Connector (CN2):
Pin#
Terminal
Mating Housing
1, 2 V+
WST I39606PS-2
WST P4-I39606
or equivalent
or equivalent
3, 4 V-
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-58
www.recom-power.com
REV: 3/2017
Input Voltage vs Load
100
60
20
40
Input Voltage [VAC]
0
80
110 115
230
90
264



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com