Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC3A Datasheet(PDF) 2 Page - Recom International Power

Part # REC3A
Description  EMI Class A Without External Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3A Datasheet(HTML) 2 Page - Recom International Power

  REC3A Datasheet HTML 1Page - Recom International Power REC3A Datasheet HTML 2Page - Recom International Power REC3A Datasheet HTML 3Page - Recom International Power REC3A Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC Converter
ECO-2
REV.: 0/2017
www.recom-power.com
PROTECTION
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Load Protection (OLP)
140% min. to 155% typ.
Isolation Voltage
tested for 1s
2kVDC
Isolation Capacitance
2200pF max.
Isolation Resistance
1G
Ω min.
Insulation Grade
functional
REGULATION
Parameter
Condition
Values
Output Accuracy
±2.0% typ.
Line Regulation
low line to high line
±0.3% max.
Load Regulation
10% to 100% load
±0.6% max.
REC3A
Series
Specifications measured at Ta= 25°C, nominal input voltage, full load, otherwise noted
Efficiency vs. Load
Accuracy vs. Load
REC3A-2405SW/H2
REC3A-2405SW/H2
REC3A-0505SW/H2
REC3A-0505SW/H2
4.5V
7V
9V
Output Current [A]
0
60
50
40
30
10
0
20
70
80
90
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
18V
24V
36V
Output Current [A]
0
60
50
40
30
10
0
20
70
80
90
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
4.5V
7V
9V
Output Current [A]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
18V
24V
36V
Outpu Current [A]
0
0
0.05
0.15
0.25
0.3
0.35
0.4
0.45
0.5
0.1
0.2
0
0.05
0.15
0.25
0.3
0.35
0.4
0.45
0.1
0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com