Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC30-Z Datasheet(PDF) 2 Page - Recom International Power

Part # REC30-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-Z Datasheet(HTML) 2 Page - Recom International Power

  REC30-Z Datasheet HTML 1Page - Recom International Power REC30-Z Datasheet HTML 2Page - Recom International Power REC30-Z Datasheet HTML 3Page - Recom International Power REC30-Z Datasheet HTML 4Page - Recom International Power REC30-Z Datasheet HTML 5Page - Recom International Power REC30-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
ECO-2
REV.: 2/2017
www.recom-power.com
REC30-Z
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin= 24V
nom. Vin= 48V
9VDC
18VDC
36VDC
75VDC
Start/up Time
20ms
Under Voltage Lockout
nom. Vin= 24V
DC-DC ON
DC-DC OFF
8.3VDC
7.9VDC
nom. Vin= 48V
DC-DC ON
DC-DC OFF
17.4VDC
16.7VDC
Output Voltage Trimming
see calculation below
±10%
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or 3V<Vr<12V
Short or 0V<Vr<1.2V
Operating Frequency
350kHz
Minimum Load
0%
Output Ripple and Noise (2)
100mVp-p
continued on next page
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Notes:
Note2: Ripple and Noise is measured with a 20MHz bandwidth and a 0.1µF ceramic capacitor.
Output Voltage Trimming
Trim Calculation
Trim UP
Trim DOWN
Vref
+Vout
Trim
R1
Rup
R3
R2
Vref
-Vout
Trim
R1
Rdown
R3
R2
Vref
+Vout
Trim
R1
Rup
R3
R2
Vref
-Vout
Trim
R1
Rdown
R3
R2
Vout
3.4V
5.1V
12V
15V
R1
2.1 k
Ω
2.55 k
Ω
9.53 k
Ω
9.09 k
Ω
R2
1.198 k
Ω 2.449 kΩ 2.498 kΩ 1.810 kΩ
R3
6.8 k
Ω
9.76 k
Ω
16.9 k
Ω
13 k
Ω
Vref
1.24 V
2.5 V
Rup =
q a*R2 r-R3=kΩ
DVout = Output Voltage Trim
R2 - a
Rup
= trim up resistor
Rdown = trim down resistor
Rdown =
q b*R1 r- R3=kΩ
a
= trim up factor
R1 - b
b
= trim down factor
a =
q Vref r*R1=kΩ
DVout - Vref
b =
qDVout -Vrefr*R2=kΩ
Vref
Practical Example:
a =
q 2.5V r*2.55kΩ=2.05kΩ
5.61V - 2.5V
Rup =
q 2.05kΩ*2.449kΩ r-9.76kΩ= 2.826kΩ
2.449kΩ - 2.05kΩ
Trim Up:
Vout = 5.1V,
DVout = 10% (5.61V), Vref= 2.5V
Trim down:
Vout = 5.1V,
DVout = -10% (4.59V), Vref= 2.5V
b =
q4.59V -2.5Vr*2.449kΩ= 2.047kΩ
2.5V
Rdown =
q2.047kΩ*2.55kΩr- 9.76kΩ=0.617kΩ
2.55k
Ω - 2.047kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com