Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8727ED/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8727ED/V
Description  24 BIT 192 KHZ STEREO DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8727ED/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8727ED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8727ED/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
WM8727
Production Data
w
PD Rev 4.1 April 2004
10
AUDIO DATA SAMPLING RATES
The master clock for WM8727 supports audio sampling rates from 128fs to 768fs, where fs is
the audio sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The
master clock is used to operate the digital filters and the noise shaping circuits.
The WM8727 has a master clock detection circuit that automatically determines the relation
between the master clock frequency and the sampling rate (to within +/- 8 master clocks). If
there is a greater than 8 clocks error, the interface shuts down the DAC and mutes the output.
The master clock should be synchronised with LRCIN, although the WM8727 is tolerant of
phase differences or jitter on this clock.
MASTER CLOCK FREQUENCY (MHZ) (MCLK)
SAMPLING
RATE
(LRCIN)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9344
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 1 Master Clock Frequencies Versus Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com