Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKA501C2 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NKA501C2
Description  AEC Q200 Rev D Qualified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NKA501C2 Datasheet(HTML) 2 Page - Amphenol Corporation

  NKA501C2 Datasheet HTML 1Page - Amphenol Corporation NKA501C2 Datasheet HTML 2Page - Amphenol Corporation NKA501C2 Datasheet HTML 3Page - Amphenol Corporation NKA501C2 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TypeCR1Specifications
SpecificationData
Minimumoperatingtemp. -40°C
Performanceupto:
190°C
Thermaltimeconstant
15s(cooling)
2.4s(ambientchange)
Dissipationfactor
2.2mW/K
Mass
0.18g
Packing
1000/box
2000/reel
Options
• OtherresistancevaluesandBvalueswithin
the ranges shown
• Alternativereferencetemperatures0°Cto
100°C
• BulkpackedorbandolieruptoH
1=48mm
• Leadmaterials:Steel/Alloy52
• ContactAmphenolforspecificapplication
requirements
Coding:
• StandardEGRSensor-NKA202C2B2
• ForCR1CoatingaddSuffixCtoCode
See Table on page 4 for standard resistance values
BandolierSchematic
TypicalDimensions(mm)
Productswith2.54mmLeadSpacing
NormalFeedingDirection
0.5 min 1 max
3 max
29.5mm max
2.54 nom
dia 0.4 ± 0.02
7 max
3 max
Bandolier, or Bulk 45max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com