Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P20 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P20
Description  Thermometrics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P20 Datasheet(HTML) 2 Page - Amphenol Corporation

  P20 Datasheet HTML 1Page - Amphenol Corporation P20 Datasheet HTML 2Page - Amphenol Corporation P20 Datasheet HTML 3Page - Amphenol Corporation P20 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Type P20/25/30 Specifications
NTC Types
P20/25/30
dimensions
Thermal and Electrical Properties (All Def initions and Test Methods are Per MIL-PRF-23648)
Body
Dimensions:
Thermistor Type:
P20
P25
P30
Minimum Diameter:
.020 in (.51 mm)
.025 in (.64 mm)
030 in (.76 mm)
Standard
code “AA”
.063 in (1.6 mm)
—
—
Body
“L”
code “A”
.125 in (3.2 mm)
.125 in (3.2 mm)
.125 in (3.2 mm)
Lengths
code “B”
.250 in (6.3 mm)**
.250 in (6.3 mm)
.250 in (6.3 mm)
Lead-wires:
Nom. Diameter:
.0011 in (.03 mm)
.002 in (.05 mm)
.003 in (.08 mm)
Minimum Lead Length:
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
Lead Material:
Platinum Alloy
Platinum Alloy
Platinum Alloy
Material System:
Nominal
Nominal
Resistance
Resistance
Resistance
Code
Letter
R-vs-T
Curve
25/125
Ratio
Range @
77°F (25°C)
Range @
77°F (25°C)
Range @
77°F (25°C)
E
0
5.0
—
—
—
A
1
11.8
300 Ω to 680 Ω
300 Ω to 680 Ω
100 Ω to 300 Ω
A
2
12.5
680 Ω to 1.6 kΩ
680 Ω to 1.6 kΩ
300 Ω to 750 Ω
A
3
14.0
1.6 kΩ to 3.6 kΩ
1.6 kΩ to 3.6 kΩ
750 Ω to 1.5 kΩ
A
4
16.9
3.6 kΩ to 6.8 kΩ
3.6 kΩ to 6.8 kΩ
1.5 kΩ to 3.0 kΩ
A
5
19.8
6.8 kΩ to 27 kΩ
6.8 kΩ to 27 kΩ
.0 kΩ to 6.8 kΩ
A
6
22.1
–
–
6.8 kΩ to 13 kΩ
A
7
22.7
27 kΩ to 75 kΩ
27 kΩ to 75 kΩ
13 kΩ to 18 kΩ
B
8
29.4
75 kΩ to 130 kΩ
75 kΩ to 130 kΩ
18 kΩ to 51 kΩ
B
9
30.8
130 kΩ to 240 kΩ
130 kΩ to 240 kΩ
51 kΩ to 82 kΩ
B
10
32.3
240 kΩ to 360 kΩ
240 kΩ to 360 kΩ
82 kΩ to 150 kΩ
B
11
35.7
360 kΩ to 820 kΩ
360 kΩ to 820 kΩ
150 kΩ to 330 kΩ
B
12
38.1
820 kΩ to 1.3 MΩ
820 kΩ to 1.3 MΩ
330 kΩ to 680 kΩ
B
13
45.0
1.3 MΩ to 3.3 MΩ
1.3 MΩ to 3.3 MΩ
680 kΩ to 1.5 MΩ
B
14
48.1
3.3 MΩ to 6.8 MΩ
3.3 MΩ to 6.8 MΩ
1.5 MΩ to 3.0 MΩ
B
15
56.5
6.8 MΩ to 10 MΩ
6.8 MΩ to 10 MΩ
3.0 MΩ to 6.2 MΩ
D
16
75.6
—
—
6.2 MΩ to 10 MΩ
D
16
81.0
—
—
—
Thermal Time Constant:
Still Air at 77°F (25°C):
1.6 sec
2.0 sec
3.0 sec
Plunge into Water:
18 msec
23 msec
60 msec
Dissipation Constant:
Still Air at 77°F (25°C):
.14 mW/°C
.16 mW/°C
.30 mW/°C
Still Water at 77°F (25°C):
.70 mW/°C
.80 mW/°C
1.50 mW/°C
Power Rating: (in air)
Maximum Power Rating:
.020 Watts
.025 Watts
.035 Watts
100% Max. Power to:
302 (150°C)
302 (150°C)
302 (150°C)
Derated to 0% at:
572°F (300°C)
572°F (300°C)
572°F (300°C)
Resistance vs temperature characterstics: The nominal resistance range for the zero-power resistance at 77°F (25°C) is shown for each miniature bead-in-glass thermoprobe type and each
available material system. Each material system is denoted by an ordering code letter, a referenced curve number and the nominal 77°F/257°F (25°C/125°C) resistance ratio.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com