Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750LEFL Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8750LEFL
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750LEFL Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8750LEFL Datasheet HTML 3Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8750LEFL Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
7
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Headphone Output (LOUT1/ROUT1, using capacitors)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
HPVDD=1.8V, R
L=32Ω
PO=5mW
0.013
-78
HPVDD=1.8V, R
L=16
Ω
PO=5mW
0.013
-78
HPVDD=3.3V, R
L=32Ω,
PO=20mW
0.01
-80
Total Harmonic Distortion
THD
HPVDD=3.3V, R
L=16
Ω,
PO=20mW
0.01
-80
%
dB
HPVDD = 3.3V
90
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD = 1.8V
90
dB
Speaker Output (LOUT2/ROUT2 with 8
: bridge tied load, ROUT2INV=1)
Output Power
PO
Output power is very closely correlated with THD; see below.
Po=180mW, RL=8
Ω,
HPVDD=3.3V
-50
0.3
Total Harmonic Distortion
THD
Po=400mW, R
L=8
Ω
HPVDD=3.3V
-40
1
dB
%
HPVDD=3.3V, R
L=8Ω
90
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD=2.5V, R
L=8Ω
90
dB
Analogue Reference Levels
Midrail Reference Voltage
VMID
–3%
AVDD/2
+3%
V
Potential Divider Resistance
RVMID
50
k
Ω
Buffered Reference Voltage
VREF
–3%
AVDD/2
+3%
V
Microphone Bias
Bias Voltage
VMICBIAS
–3%
0.9
×AVDD
+ 3%
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
√Hz
Digital Input / Output
Input HIGH Level
V
IH
0.7
×DBVDD
V
Input LOW Level
V
IL
0.3
×DBVDD
V
Output HIGH Level
V
OH
I
OL=1mA
0.9
×DBVDD
V
Output LOW Level
V
OL
I
OH-1mA
0.1
×DBVDD
V
HPDETECT (pin 23)
Input HIGH Level
V
IH
0.7
×AVDD
V
Input LOW Level
V
IL
0.3
×AVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com