Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC32 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # GC32
Description  Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC32 Datasheet(HTML) 3 Page - Amphenol Corporation

  GC32 Datasheet HTML 1Page - Amphenol Corporation GC32 Datasheet HTML 2Page - Amphenol Corporation GC32 Datasheet HTML 3Page - Amphenol Corporation GC32 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AB6E5
Thermistor is welded to 38 gauge, nickel alloy 200,
bifilar, heavy ISONEL insulated extension leads, 6.5
ft (1.98 m) ±0.5 ft (±0.15 m) long. Polyimide sleeve is
epoxied over bead and weld joints for strain relief and
insulation. Liquid epoxy resin conformal dipcoats are
applied for moisture sealing.
For use where assembly will be subjected to limited
fluid immersions and where maximum strain relief
is also required with minimum outside diameter.
Maximum continuous operating temperature is 221°F
(105°C).
0.13 in (3.2 mm) reference
72 in (1830 mm) minimum
D
AB6E8
Thermistor is welded to 38 gauge, nickel alloy 200,
bifilar, heavy ISONEL insulated extension leads 6.5 ft
(1.98 m) ±0.5 ft (±0.15 m) long. Polyimide sleeve is epoxied
over welds and thermistor for strain relief and electrical
insulation. Multiple conformal dip coatings of liquid epoxy
resin are applied for complete immersibility in conductive
fluids.
For use in applications where superior strain relief
and full immersion are required. Maximum continuous
operating temperature is 221°F (105°C).
0.13 in (3.2 mm) reference
72 in (1830 mm) minimum
D
0.25 in (6.4 mm) reference
Coding
1. Select the appropriate thermistor bead or small
probe from one of the thermistor types shown
in Table 1. Refer to the appropriate datasheet
for electrical and mechanical properties of
the thermistor selected and specific ordering
information for that thermistor.
2. Select one of the assembly types shown and use the
assembly prefix listed for that type followed by the
thermistor part number. Example: AB6A8-
BR16KA103N
This assembly uses a 0.016 in (0.40 mm) nominal
diameter, ruggedized Thermobead (Refer to NTC
Type BR Series datasheet) with adjacent cut leads, 10
kW ±25% at 77°F (25°C) nominal resistance, welded
to standard 6.5 (1.98 m) ±0.5 ft (±0.15 m) long, 38
gauge, nickel alloy 200, bifilar, heavy ISONEL insulated
extension leads with epoxy resin web between the
welded joints for strain relief.
Special Coding
The assembly types shown represent the most
standard selections of the many combinations
of thermistors and materials that Thermometrics
manufactures. These selected types are suitable for
many applications; however, there are always special
requirements that need to be satisfied for some
applications. A partial listing of alternate materials and
options is given on the next page to assist the designer
for applications in which the standard units shown are
not suitable. If assistance is required in the selection
of materials or design of the assembly, please contact
our applications engineering department and detail the
exact requirements or specifications desired.
Alternate Materials Selection
The alternate materials listed are available for NTC
Type AB6 thermistor assembly orders. Other materials
may be available to the designer or user upon special
order. Please allow additional time for the completion
of special assembly orders.
Type A Insulations
A web of insulating material is put over the weld joints
for strain relief. Available insulating materials with
maximum temperature ratings;
• Vinyl:140°F(60°C)
• Polyurethane:221°F(105°C)
• Siliconerubber:500°F(260°C)
• Epoxies:from221°Fto500°F(105°Cto260°C),
specify maximum temperature required.
Type B Insulations
A polyimide sleeve is epoxied over the weld joints for
improved strain relief and electrical insulation. The
bead may be covered for maximum strain relief or
exposed for faster response. Epoxies are generally
used to fill the polyimide sleeve and have temperature
ratings from 221°F to 500°F (105°C to 260°C).
Type C Insulations
Multiple conformal dip coats over the thermistor and
welds are used in order to provide fully immersible
assemblies. Any of the Type A insulating materials may
be used for the conformal dip coatings depending
upon the application or environment.
Type D Insulations
A thermoplastic tubing is heat sealed over the bead or
probe thermistor. A small amount of insulating material
is applied over the weld joints for electrical isolation.
The assembly is not fully immersible over the back end
of the tubing. Available heat sealed tubing materials
with maximum temperature ratings:
•
Polyethylene:176°F(80°C)
•
Mylar:257°F(125°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com