Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750LEFL/R Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8750LEFL/R
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750LEFL/R Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8750LEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8750LEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
11
POWER CONSUMPTION
The power consumption of the WM8750L depends on the following factors.
Supply voltages: Reducing the supply voltages also reduces supply currents, and therefore results in significant power
savings, especially in the digital sections of the WM8750L.
Operating mode: Significant power savings can be achieved by always disabling parts of the WM8750L that are not
used (e.g. mic pre-amps, unused outputs, DAC, ADC, etc.)
Control Register
R23
Other settings
Tot. Power
Bit
VI (mA)
VI (mA)
VI (mA)
VI (mA)
mW
OFF
00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 11
Clocks stopped
3.3 0.0016 3.3 0.0190 3.3 0.0080 3.3 0.0002
0.0950
01
2.5 0.0008 2.5 0.0170 2.5 0.0050 2.5 0.0000
0.0570
00
1.8 0.0005 1.5 0.0120 1.5 0.0029 1.8 0.0000
0.0233
Standby
10 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 11
Interface Stopped
3.3 0.3900 3.3 0.0390 3.3 0.0080 3.3 0.0000
1.4421
(500 KOhm VMID string)
01
2.5 0.2880 2.5 0.0170 2.5 0.0050 2.5 0.0000
0.7750
00
1.8 0.1970 1.5 0.0120 1.5 0.0030 1.8 0.0000
0.3771
Playback to Line-out
01 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 11
3.3 3.7310 3.3 5.6600 3.3 0.3000 3.3 0.2370
32.7624
01
2.5 2.6940 2.5 3.8600 2.5 0.2200 2.5 0.2100
17.4600
00
1.8 1.8820 1.5 2.1400 1.5 0.1240 1.8 0.1500
7.0536
Playback to Line-out
01 1 0 0 0 0 0 1 1 1 1 0 0 0 0 0 1 11
3.3 3.5170 3.3 4.6470 3.3 0.3000 3.3 0.9500
31.0662
(64x oversampling mode)
01
2.5 2.5760 2.5 3.2030 2.5 0.2200 2.5 0.6480
16.6175
00
1.8 1.7760 1.5 1.7590 1.5 0.1240 1.8 0.4130
6.7647
Playback to 16 Ohm Headphone 01 1 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 11
3.3 3.7260 3.3 5.6700 3.3 0.3000 3.3 0.9530
35.1417
01
2.5 2.7530 2.5 3.9250 2.5 0.2200 2.5 0.6570
18.8875
00
1.8 1.8900 1.5 2.1410 1.5 0.1240 1.8 0.4150
7.5465
Playback to 16 Ohm Headphone 01 1 0 0 0 0 0 1 1 1 1 0 0 0 1 0 0 11
R24, OUT3SW=00
3.3 3.7060 3.3 5.6400 3.3 0.3000 3.3 1.4040
36.4650
(capless mode using OUT3)
01
2.5 2.7130 2.5 3.9000 2.5 0.2200 2.5 0.9600
19.4825
00
1.8 1.8870 1.5 2.1410 1.5 0.1240 1.8 0.6140
7.8993
Playback to 8 Ohm BTL Speaker 01 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 11
R24, ROUT2INV=1
3.3 3.8820 3.3 5.6470 3.3 0.3000 3.3 0.2830
33.3696
01
2.5 2.8780 2.5 3.9390 2.5 0.2200 2.5 0.2100
18.1175
00
1.8 1.9800 1.5 2.1630 1.5 0.1240 1.8 0.1510
7.2663
Headphone Amp
01 1 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 11
Clocks Stopped
3.3 1.8400 3.3 0.0200 3.3 0.0080 3.3 0.9540
9.3126
(line-in to 16 Ohm headphone)
01
2.5 1.3300 2.5 0.0190 2.5 0.0050 2.5 0.6400
4.9850
00
1.8 0.9300 1.5 0.0130 1.5 0.0030 1.8 0.4100
2.4360
Speaker Amp
01 1 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 11
Clocks Stopped
3.3 1.9780 3.3 0.0200 3.3 0.0080 3.3 0.3310
7.7121
(line-in to 8 Ohm speaker)
01
R24, ROUT2INV=1
2.5 1.4300 2.5 0.0190 2.5 0.0050 2.5 0.2430
4.2425
00
1.8 0.9860 1.5 0.0130 1.5 0.0030 1.8 0.1760
2.1156
Phone Call
01 1 0 0 0 0 1 0 0 0 0 1 1 1 0 0 0 11
Clocks Stopped
3.3 2.5230 3.3 0.0370 3.3 0.0080 3.3 0.4420
9.9330
(mono line-in to headphone,
01
2.5 1.8520 2.5 0.0190 2.5 0.0050 2.5 0.3200
5.4900
mic to MONOOUT)
00
1.8 1.2900 1.5 0.0130 1.5 0.0030 1.8 0.2240
2.7492
Record from Line-in
01 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 11
3.3 8.6600 3.3 6.5700 3.3 0.3330 3.3 0.0000
51.3579
01
2.5 7.7100 2.5 4.2800 2.5 0.2320 2.5 0.0000
30.5550
00
1.8 6.8000 1.5 2.2100 1.5 0.1350 1.8 0.0000
15.7575
Record from Line-in
01 1 1 1 1 1 0 0 0 0 0 0 0 0 0 1 0 11
3.3 5.0720 3.3 5.9100 3.3 0.3390 3.3 0.0000
37.3593
(64x oversampling mode)
01
2.5 4.2550 2.5 3.7500 2.5 0.2320 2.5 0.0000
20.5925
00
1.8 3.5900 1.5 1.9100 1.5 0.1350 1.8 0.0000
9.5295
Record from mono microphone
01 1 1 0 1 0 1 0 0 0 0 0 0 0 0 0 0 11 R32, LMICBOOST=11; 3.3 4.9330 3.3 6.5400 3.3 0.3390 3.3 0.0000
38.9796
01
R23, DATSEL=01
2.5 4.2970 2.5 4.2500 2.5 0.2400 2.5 0.0000
21.9675
00
1.8 3.7210 1.5 2.2200 1.5 0.1370 1.8 0.0000
10.2333
Record from mono microphone
01 1 1 0 1 0 1 0 0 0 0 0 0 0 0 0 0 11 R32, LMICBOOST=11; 3.3 5.2900 3.3 6.5000 3.3 0.3220 3.3 0.0000
39.9696
(differential)
01
R23, DATSEL=01;
2.5 4.5600 2.5 4.2700 2.5 0.2400 2.5 0.0000
22.6750
00
R32, LINSEL=11
1.8 3.9000 1.5 2.2200 1.5 0.1380 1.8 0.0000
10.5570
Stereo Record & Playback
01 1 1 1 1 1 1 1 1 0 0 1 1 0 0 0 0 11
3.3 11.927 3.3 10.870 3.3 0.3320 3.3 0.2820
77.2563
01
2.5 10.112 2.5 7.3600 2.5 0.2340 2.5 0.2060
44.7800
00
1.8 7.3910 1.5 4.0610 1.5 0.1320 1.8 0.1480
19.8597
Stereo Record & Playback
01 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 11
3.3 8.1090 3.3 9.3300 3.3 0.3330 3.3 0.2820
59.5782
(64x oversampling mode)
01
2.5 6.5500 2.5 6.3020 2.5 0.2340 2.5 0.2070
33.2325
00
1.8 4.7000 1.5 3.3800 1.5 0.1320 1.8 0.1490
13.9962
DBVDD
HPVDD
R24
R25 (19h)
R26 (1Ah)
AVDD
DCVDD
Table 1 Supply Current Consumption
Notes:
1.
All figures are at TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 12.288 MHz (256fs), with zero signal (quiescent)
2.
The power dissipated in the headphone or speaker is not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com