Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM70NF232K Datasheet(PDF) 2 Page - Amphenol Corporation

Part # HM70NF232K
Description  Low cost, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HM70NF232K Datasheet(HTML) 2 Page - Amphenol Corporation

  HM70NF232K Datasheet HTML 1Page - Amphenol Corporation HM70NF232K Datasheet HTML 2Page - Amphenol Corporation HM70NF232K Datasheet HTML 3Page - Amphenol Corporation HM70NF232K Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type HM Specifications
Leadless chip thermistor
Description
Top and bottom electrode, uncoated chip thermistors
without leads.
Options
Consult Thermometrics for availability of options
• Other resistance values in the range of 100 Ω to
100 kΩ
• Other tolerances
• Other reference temperature
• Gold electrodes suitable for wire bonding
• Other sizes
Data
Thermal and Electrical Properties
• Dissipation constant: (still air) 7 to 15 mW/K
• Thermal time constant: (still air) 10 to 45 seconds
• The thermal time constant and dissipation
constant values are dependent upon the method
of mounting. The above values represent the range
of smallest to largest HM thermistor chips when
soldering to an aluminum substrate 0.025 in (0.635
mm) thick using 2% silver solder.W
Select appropriate part number below for resistance and temperature tolerance desired.
R25°C
Material
System
Width “W”
in
(mm)
Length “L”
in
(mm)
Thick “T”
in
(mm)
R25° ± 5%
R25° ± 10%
2252
F
0.070
(1.778)
0.070
(1.778)
0.010
(0.254)
HM70NF232J
HM70NF232K
2252
F
0.085
(2.159)
0.085
(2.159)
0.015
(0.380)
HM85NF232J
HM85NF232K
3000
F
0.060
(1.523)
0.060
(1.523)
0.010
(0.254)
HM60NF302J
HM60NF302K
3000
F
0.075
(1.904)
0.075
(1.904)
0.015
(0.380)
HM75NF302J
HM75NF302K
5000
F
0.050
(1.27)
0.050
(1.27)
0.010
(0.254)
HM50NF502J
HM50NF502K
5000
F
0.060
(1.523)
0.060
(1.523)
0.015
(0.380)
HM60NF502J
HM60NF502K
10000
F
0.035
(0.889)
0.035
(0.889)
0.010
(0.254)
HM35NF103J
HM35NF103K
10000
F
0.040
(1.016)
0.045
(1.1429)
0.015
(0.380)
HM40NF103J
HM40NF103K
10000
Y
0.045
(1.1429)
0.045
(1.1429)
0.010
(0.254)
HM45NY103J
HM45NY103K
10000
Y
0.055
(1.397)
0.055
(1.397)
0.015
(0.380)
HM55NY103J
HM55NY103K
30000
H
0.025
(0.635)
0.025
(0.635)
0.010
(0.254)
HM25NH303J
HM25NH303K
30000
H
0.030
(0.7619)
0.035
(0.889)
0.015
(0.380)
HM30NH303J
HM30NH303K
100000
Y
0.030
(0.7619)
0.030
(0.7619)
0.010
(0.254)
HM30NY104J
HM30NY104K
100000
Y
0.035
(0.889)
0.035
(0.889)
0.015
(0.380)
HM35NY104J
HM35NY104K
T
L
W
NTC Type HM dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com