Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC103C4R5/X Datasheet(PDF) 1 Page - Amphenol Corporation

Part # JC103C4R5/X
Description  Suitable for use in conditions of high
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

JC103C4R5/X Datasheet(HTML) 1 Page - Amphenol Corporation

  JC103C4R5/X Datasheet HTML 1Page - Amphenol Corporation JC103C4R5/X Datasheet HTML 2Page - Amphenol Corporation JC103C4R5/X Datasheet HTML 3Page - Amphenol Corporation JC103C4R5/X Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC Type
JW, JC
Thermometrics
Clip-On Pipe and
Surface Sensors
Features
• Suitable for use in conditions of high
condensation and occasional immersion in
water
• 0 - 100°C operating range
• Low temperature gradient (<1.8°F at 140°F
(<1°C at 60°C))
• Sensing element electrically isolated from shoe
(isolation >20M Ω at 500V)
• Type JC meets IP44 standard
• Range of clips for pipe diameters 0.51 in to
1.18 in (13 mm to 30 mm). (Consult factory for
additional size options.)
• Self-adjusts to irregular pipe surfaces
• Fast time response (1.5s typical) for JC and
3.0s for JW
• Water resistant version (Type JW) meets
IP46 standard (with connector tabs
encapsulated)
• Offers cost benefits over traditional
immersion probes
• Typical applications include gas boiler
control, domestic water systems, air
conditioners, radiator inlet-outlet, electric
showers, vending machines, chiller and
refrigeration units
Amphenol
Advanced Sensors


Similar Part No. - JC103C4R5/X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC103C4R5/X ETC1-JC103C4R5/X Datasheet
148Kb / 5P
Thermometrics Clip-On Pipe and Surface Sensors
More results

Similar Description - JC103C4R5/X

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC5262B1K CPI-VTC5262B1K Datasheet
334Kb / 1P
Long life C-Band TWT suitable for use in weather radars.
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
This series is for use in hazardous areas This is suitable for use in water
logo
Hamamatsu Corporation
S8369 HAMAMATSU-S8369_15 Datasheet
144Kb / 4P
Sunlight sensor suitable for automotive use
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21 Datasheet
523Kb / 11P
Suitable to use in robust outdoor environment
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21 Datasheet
604Kb / 12P
Suitable to use in robust outdoor environment
OMB.445.05F21 TAOGLAS-OMB.445.05F21 Datasheet
408Kb / 9P
Suitable to use in robust outdoor environment
OMB.915.B03F21 TAOGLAS-OMB.915.B03F21 Datasheet
701Kb / 9P
Suitable to use in robust outdoor environment
logo
Abracon Corporation
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
Suitable for high temperature burn-in test
07.10.09
logo
PHOENIX CONTACT
2905415 PHOENIX-2905415 Datasheet
138Kb / 7P
Free of leakage current, suitable for use in the pre-meter area
2905471 PHOENIX-2905471 Datasheet
80Kb / 5P
Free of leakage current, suitable for use in the pre-meter area
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com