Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301LT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBD301LT3G
Description  Silicon Hot-Carrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD301LT3G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBD301LT3G Datasheet HTML 1Page - ON Semiconductor MMBD301LT3G Datasheet HTML 2Page - ON Semiconductor MMBD301LT3G Datasheet HTML 3Page - ON Semiconductor MMBD301LT3G Datasheet HTML 4Page - ON Semiconductor MMBD301LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBD301G, MMBD301LT1G, MMBD301LT3G, SMMBD301LT3G
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Total Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Minority Carrier Lifetime
IF, FORWARD CURRENT (mA)
Figure 3. Reverse Leakage
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.4
0.6
0.8
1.0
1.2
100
10
0
6.0
12
18
24
10
1.0
0.1
0.01
0.001
010
20
500
0
0
3.0
6.0
9.0
12
15
21
1.6
30
24
27
18
1.2
0.8
0.4
f = 1.0 MHz
TA = -40°C
TA = 85°C
TA = 25°C
1.0
0.1
30
40
50
60
70
80
100
90
KRAKAUER METHOD
0
2.8
2.4
2.0
30
TA = 100°C
75
°C
25
°C
400
300
200
100
SINUSOIDAL
GENERATOR
BALLAST
NETWORK
(PADS)
SAMPLING
OSCILLOSCOPE
(50
W INPUT)
PADS
CAPACITIVE
CONDUCTION
FORWARD
CONDUCTION
STORAGE
CONDUCTION
DUT
IF(PEAK)
IR(PEAK)
Figure 5. Krakauer Method of Measuring Lifetime



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com