Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-PTC-13 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # JC-PTC-13
Description  Suitable for use in conditions of high
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

JC-PTC-13 Datasheet(HTML) 2 Page - Amphenol Corporation

  JC-PTC-13 Datasheet HTML 1Page - Amphenol Corporation JC-PTC-13 Datasheet HTML 2Page - Amphenol Corporation JC-PTC-13 Datasheet HTML 3Page - Amphenol Corporation JC-PTC-13 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type JW Specifications
Description
NTC or PTC chip thermistor on a ceramic/metal shoe
assembly sealed in a polymer housing and provided
with flexible twin cable connections. The housing is
fitted with a spring metal clip for pipe attachment.
Options
•Otherresistance-temperaturecharacteristics
•Otherwirelengths
•Specialpipesizes
General Data
•Minimumoperatingtemperature:32°F(0°C)
•Maximumtemperature:212°F(100°C)(sensor)185°F
(85°C) (housing)
•Dissipationfactor:≥2mW/K(mountedoncopperpipe
at 77°F (25°C))
•Isolationvoltage:500VDC
•Clipforce:<50Nformounting/de-mountingonpipe
5N will not cause rotation on pipe
•Shoematerial:Platedbrass
•Bodymaterial:Nylon
•Packquantity&MOQ:200pcs
Response Time (seconds)
NTC
≤4 (to 90% voltage change)
PTC
≤4 to TNF 41°F (5°C) (sensor applied to pipe at
TNF 73.4°F (23°C)
NTC Type JW dimensions
TNF
(-20 to TNF
-20°C)
25°C
TNF- 5°C
TNF+ 5°C
TNF+ 23°C
Ω
VDC
Ω
VDC
Ω
VDC
Ω
VDC
Ω
VDC
JW 060/X 60°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
JW 070/X 70°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
JW 080/X 80°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
NTC Data
For codes, see below.
Code
Nominal Resistance
Tolerances
77°F
140°F
185°F
77°F
140°F
185°F
B25/85
(25°C)
(60°C)
(85°C)
(25°C)
(60°C)
(85°C)
Ω
Ω
Ω
±%
±°C
±%
±°C
±%
±°C
K
JW103C3R5/X
9983
2500
1079
6.46
1.48
5.00
1.40
5.90
1.87
3960±1%
PTC Data
•Maximumappliedvoltage:30V
•Maximumappliedvoltagefortemperaturesensing:2.5V
For codes see below.
Ordering Information
The code number to be ordered may be specified as
follows:
Code
Type
JW
Resin-Coated Thermistor With PVC Wires
Code
Pipe Diameter Range in mm
13
13 - 15
17
17 - 18.5
20
20 - 22
28
28-30
JW -
____
Typical model number
Clip size is specified in the code above as shown in the
table below, e.g., JW103C3R5/17
Clip
Shoe



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com