Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778EDS/R Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8778EDS/R
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778EDS/R Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8778EDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8778EDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AINL
Analogue Input
Left channel input
2
ZFLAGR
Digital Output
Right channel zero flag output (external pull-up required)
3
ZFLAGL
Digital Output
Left channel zero flag output (external pull-up required)
4
DACBCLK
Digital Input/Output
DAC audio interface bit clock
5
DACMCLK
Digital Input
Master DAC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
6
DIN
Digital Input
DAC data input
7
DACLRC
Digital Input/Output DAC left/right word clock
8
ADCBCLK
Digital Input/Output
ADC audio interface bit clock
9
ADCMCLK
Digital Input
Master ADC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
10
DOUT
Digital Output
ADC data output
11
ADCLRC
Digital Input/Output ADC left/right word clock
12
DGND
Supply
Digital negative supply
13
DVDD
Supply
Digital positive supply
14
MODE
Digital Input
Control interface mode select, tri-level (5V tolerant)
15
CE\I2S
Digital Input
Serial interface Latch signal (5V tolerant)
16
DI\DEEMPH
Digital Input/Output
Serial interface data (5V tolerant)
17
CL\IWL
Digital Input
Serial interface clock (5V tolerant)
18
VOUTL
Analogue Output
DAC channel left output
19
VOUTR
Analogue Output
DAC channel right output
20
VMIDDAC
Analogue Output
DAC midrail decoupling pin ; 10uF external decoupling
21
DACREFN
Analogue Input
DAC negative reference input
22
DACREFP
Analogue Input
DAC positive reference input
23
VMIDADC
Analogue Output
ADC midrail divider decoupling pin; 10uF external decoupling
24
ADCREFGND
Analogue Output
ADC reference buffer decoupling pin; 10uF external decoupling
25
ADCREFP
Analogue Output
ADC positive reference decoupling pin; 10uF external decoupling
26
AVDD
Supply
Analogue positive supply
27
AGND
Supply
Analogue negative supply and substrate connection
28
AINR
Analogue Input
Right channel input
Note : Digital input pins have Schmitt trigger input buffers and pins 14-17 are 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com