Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778SEDS/R Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8778SEDS/R
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778SEDS/R Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8778SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Product Preview
WM8778
w
PP Rev 1.7 June 2004
15
ADCBCLK and DACBCLK are also generated by the WM8778. The frequency of ADCBCLK and
DACBCLK depends on the mode of operation.
In 128/192fs modes (DACRATE=000 or 001) BCLK = MCLK/2. In 256/384/512fs modes
(ADCRATE/DACRATE=010 or 011 or 100) BCLK = MCLK/4. However if DSP mode is selected as
the audio interface mode then BCLK=MCLK. Note that DSP mode cannot be used in 128fs mode for
word lengths greater than 16 bits or in 192fs mode for word lengths greater than 24 bits.
ZERO DETECT
The WM8778 has a zero detect circuit for each DAC channel, which detects when 1024 consecutive
zero samples have been input. The two zero flag outputs (ZFLAGL and ZFLAGR) may be
programmed to output the zero detect signals (see Table 9) that may then be used to control external
muting circuits. A ‘1’ on ZFLAGL or ZFLAGR indicates a zero detect. The zero detect may also be
used to automatically enable the mute by setting IZD. The zero flag output may be disabled by
setting DZFM to 00.
DZFM[1:0]
ZFLAGL
ZFLAGR
00
Zero flag disabled
Zero flag disabled
01
Left channel zero
Right channel zero
10
Both channel zero
Both channel zero
11
Either channels zero
Either channel zero
Table 9 Zero Flag Output Select
POWERDOWN MODES
The WM8778 has powerdown control bits allowing specific parts of the WM8778 to be powered off
when not being used. Control bit ADCPD powers off the ADC. The ADC input PGAs will be powered
down only if ADCPD and AINPD are set. When AINPD is set the bypass path is automatically
disabled. The stereo DAC has a separate powerdown control bit, DACPD allowing the DAC to be
powered off when not in use. This also switches the analogue outputs VOUTL/R to VMIDDAC to
maintain a dc level on the output. The output mixer will be disabled when PDWN is set.
Setting AINPD, ADCPD and DACPD will powerdown everything except the references VMIDADC,
ADCREF and VMIDDAC. ADCREF and VMIDDAC can be powered down by setting PDWN,
VMIDADC is always active. Setting PDWN will override all other powerdown control bits. It is
recommended that AINPD, ADCPD and DACPD are set before setting PDWN. The default is for all
blocks to be enabled.
POWER-ON-RESET
The WM8776 has an internal power-on-reset circuit. The reset phase is entered at power-up of
supplies. The DAC and ADC DSP circuitry is also reset when their respective master clocks are
stopped. Register values are maintained unless either a power-on-reset occurs or a software reset is
written. A software reset will also cause a reset of the DAC and ADC DSP. Figure 8 shows the
power-on-reset logic, and Figure 9 shows the reset release characteristics.
Figure 8 Circuit Diagram for Power-on-Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com