Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6402 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor XC6402 Datasheet HTML 10Page - Torex Semiconductor XC6402 Datasheet HTML 11Page - Torex Semiconductor XC6402 Datasheet HTML 12Page - Torex Semiconductor XC6402 Datasheet HTML 13Page - Torex Semiconductor XC6402 Datasheet HTML 14Page - Torex Semiconductor XC6402 Datasheet HTML 15Page - Torex Semiconductor XC6402 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
XC6402 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS
XC6402C Series
# Circuit 1
# Circuit 2
# Circuit 3
# Circuit 4
XC6402CA / CB / CE / CF/ CL / CM / CS type
XC6402 CC / CD / CH / CK / CN / CP / CT / CU type
# Circuit 5
XC6402CA / CB / CE / CF/ CL / CM / CS type
XC6402 CC / CD / CH / CK / CN / CP / CT / CU type
Output Capacitor Corresponding Chart
CL
6.8
µF
2.2
µF
1.0
µF
VR OUTPUT VOLTAGE
0.8 ~1.45V
1.5 ~ 1.75V
1.8V ~ 5.0V
Semiconductor Ltd.
V
A
V
VIN
CIN
CIN: 1uF (ceramic)
VRIOUT
CL
VEN
VIN
VDOUT
VROUT
EN
VSS
V
A
V
A
CL
VEN
VIN
VDOUT
VROUT
EN
VSS
V
V
VIN={VROUT+1.0V}VDC+0.5Vp-pAC
VROUT>4.75V
VIN=5.75VDC+0.5Vp-pAC
V
VIN
VDOUT
VROUT
EN
VSS
100k
Ω
V
VIN
CIN
CIN: 1uF (ceramic)
V
VIN
VDOUT
VROUT
EN
VSS
100k
Ω
V
VIN
CIN
CIN: 1uF (ceramic)
VIN
VDOUT
VROUT
EN
VSS
A
VDS
CIN
CIN: 1uF (ceramic)
VIN
VDOUT
VROUT
EN
VSS
A
CIN
VDS
CIN:1 uF (ceramic)
CIN
A
VIN
VDOUT
VROUT
EN
VSS
CIN:1 uF (ceramic)
.
Data Sheet
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com