Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM78L
Description  3-Terminal Positive Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM78L Datasheet HTML 1Page - National Semiconductor (TI) LM78L Datasheet HTML 2Page - National Semiconductor (TI) LM78L Datasheet HTML 3Page - National Semiconductor (TI) LM78L Datasheet HTML 4Page - National Semiconductor (TI) LM78L Datasheet HTML 5Page - National Semiconductor (TI) LM78L Datasheet HTML 6Page - National Semiconductor (TI) LM78L Datasheet HTML 7Page - National Semiconductor (TI) LM78L Datasheet HTML 8Page - National Semiconductor (TI) LM78L Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM78L15AC
Unless otherwise specified, V
IN = 23V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
14.4
15.0
15.6
V
17.5V
≤ V
IN ≤ 30V
1mA
≤ I
O ≤ 40 mA
(Note 3)
14.25
15.75
1mA
≤ I
O ≤ 70 mA
(Note 3)
14.25
15.75
∆V
O
Line Regulation
17.5V
≤ V
IN ≤ 30V
37
250
mV
20V
≤ V
IN ≤ 30V
25
140
∆V
O
Load Regulation
1 mA
≤ I
O ≤ 100 mA
35
150
1mA
≤ I
O ≤ 40 mA
12
75
I
Q
Quiescent Current
3
5
mA
∆I
Q
Quiescent Current Change
20V
≤ V
IN ≤ 30V
1
1mA
≤ I
O ≤ 40 mA
0.1
V
n
Output Noise Voltage
90
µV
Ripple Rejection
f = 120 Hz
18.5V
≤ V
IN ≤ 28.5V
37
51
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−1.3
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
16.7
17.5
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
outside of its stated operating conditions.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Power dissipation
≤ 0.75W.
Note 4: Recommended minimum load capacitance of 0.01 µF to limit high frequency noise.
Note 5: Typical thermal resistance values for the packages are:
Z Package:
θ
JC = 60 ˚C/W, = θJA = 230 ˚C/W
M Package:
θJA = 180 ˚C/W
micro SMD Package:
θJA = 230.9˚C/W
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com