Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8272 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8272
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8272 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM8272 Datasheet HTML 6Page - National Semiconductor (TI) LM8272 Datasheet HTML 7Page - National Semiconductor (TI) LM8272 Datasheet HTML 8Page - National Semiconductor (TI) LM8272 Datasheet HTML 9Page - National Semiconductor (TI) LM8272 Datasheet HTML 10Page - National Semiconductor (TI) LM8272 Datasheet HTML 11Page - National Semiconductor (TI) LM8272 Datasheet HTML 12Page - National Semiconductor (TI) LM8272 Datasheet HTML 13Page - National Semiconductor (TI) LM8272 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Application Notes (Continued)
OUTPUT SHORT CIRCUIT CURRENT AND
DISSIPATION ISSUES:
The LM8272 output stage is designed for maximum output
current capability. Even though momentary output shorts to
ground and either supply can be tolerated at all operating
voltages, longer lasting short conditions can cause the junc-
tion temperature to rise beyond the absolute maximum rat-
ing of the device, especially at higher supply voltage condi-
tions. Below supply voltage of 6V, output short circuit
condition can be tolerated indefinitely.
With the Op Amp tied to a load, the device power dissipation
consists of the quiescent power due to the supply current
flow into the device, in addition to power dissipation due to
the load current. The load portion of the power itself could
include an average value (due to a DC load current) and an
AC component. DC load current would flow if there is an
output voltage offset, or the output AC average current is
non-zero, or if the Op Amp operates in a single supply
application where the output is maintained somewhere in the
range of linear operation. Therefore:
P
total =PQ +PDC +PAC
P
Q =IS ·VS
Op Amp Quiescent Power
Dissipation
P
DC =IO ·(Vr -Vo)
DC Load Power
P
AC = See Table 1 below
AC Load Power
where:
I
S: Supply Current
V
S: Total Supply Voltage (V
+ -V−)
V
O: Average Output Voltage
V
r:V
+ for sourcing and V− for sinking current
Table 1 below shows the maximum AC component of the
load power dissipated by the Op Amp for standard Sinusoi-
dal, Triangular, and Square Waveforms:
TABLE 1. Normalized AC Power Dissipated in the
Output Stage for Standard Waveforms
P
AC (W.
Ω/V2)
Sinusoidal
Triangular
Square
50.7 x 10
−3
46.9 x 10
−3
62.5 x 10
−3
The table entries are normalized to V
S
2/R
L. To figure out the
AC load current component of power dissipation, simply
multiply the table entry corresponding to the output wave-
form by the factor V
S
2/R
L. For example, with ±12V supplies,
a 600
Ω load, and triangular waveform power dissipation in
the output stage is calculated as:
P
AC = (46.9 x 10
−3) · [242/600] = 45.0mW
OTHER APPLICATION HINTS:
The use of supply decoupling is mandatory in most applica-
tions. As with most relatively high speed/high output current
Op Amps, best results are achieved when each supply line is
decoupled with two capacitors; a small value ceramic ca-
pacitor (
∼0.01µF) placed very close to the supply lead in
addition to a large value Tantalum or Aluminum (> 4.7µF).
The large capacitor can be shared by more than one device
if necessary. The small ceramic capacitor maintains low
supply impedance at high frequencies while the large ca-
pacitor will act as the charge “bucket” for fast load current
spikes at the Op Amp output. The combination of these
capacitors will provide supply decoupling and will help keep
the Op Amp oscillation free under any load.
LM8272 ADVANTAGES:
Compared to other Rail-to-Rail Input/Output devices, the
LM8272 offers several advantages such as:
•
Improved cross over distortion
•
Nearly constant supply current throughout the output
voltage swing range and close to either rail.
•
Nearly constant Unity gain frequency (f
u) and Phase
Margin (Phi
m) for all operating supplies and load condi-
tions.
•
No output phase reversal under input overload condition.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com