Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9501 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9501
Description  2ch. Step-up DC/DC Controller ICs.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9501 Datasheet HTML 16Page - Torex Semiconductor XC9501 Datasheet HTML 17Page - Torex Semiconductor XC9501 Datasheet HTML 18Page - Torex Semiconductor XC9501 Datasheet HTML 19Page - Torex Semiconductor XC9501 Datasheet HTML 20Page - Torex Semiconductor XC9501 Datasheet HTML 21Page - Torex Semiconductor XC9501 Datasheet HTML 22Page - Torex Semiconductor XC9501 Datasheet HTML 23Page - Torex Semiconductor XC9501 Datasheet HTML 24Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
(16) Operation Start-Up Voltage vs. Ambient Temperature
(17) Operation Retention Voltage vs. Ambient Temperature
(18) Oscillation Start-Up Voltage vs. Ambient Temperature
(19) PFM Duty Ratio 1, 2 vs. Supply Voltage
(20) Output Voltage vs. Ambient Temperature
21
XC9501 Series
2ch. Step-up DC/DC Controller ICs.
XC9501B093(300kHz)
3.0
3.1
3.2
3.3
3.4
3.5
-50
-20
10
40
70
100
Ambient Temperature Ta (
0 C)
L=22
µH(CDRH5D28), CL=94µF(Tantalum)
Tr:XP161A1265P, SD:CMS02
VIN=1.8V
IOUT=200mA
XC9501B092 (180kHz,VOUT=3.3V)
0
0.2
0.4
0.6
0.8
1
1.2
-40 -20
0
20
40
60
80 100
Ambient Temperature Ta (
o C)
IOUT=1mA
L=22
µH(CDRH5D28), CL=47µF(Tantalum)
SD:MA2Q737, Tr:2SD1628G
XC9501B092(180kHz,VOUT=3.3V)
0
0.2
0.4
0.6
0.8
-40 -20
0
20
40
60
80 100
Ambient Temperature Ta (
o C)
L=22
µH(CDRH5D28), CL=47µF(Tantalum)
SD:MA2Q737, Tr:2SD1628G
IOUT=1mA
XC9501B092(180kHz,VOUT=2.0V)
0
0.2
0.4
0.6
0.8
1
-40 -20
0
20
40
60
80 100
Ambient Temperature Ta (
o C)
XC9501B092 (180kHz)
20
25
30
35
40
02
46
8
10
Supply Voltage VDD (V)
Topr=85
o C
25
o C
- 40
o C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com