Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.244 Datasheet(PDF) 5 Page - PULS GmbH

Part # CS5.244
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.244 Datasheet(HTML) 5 Page - PULS GmbH

  CS5.244 Datasheet HTML 1Page - PULS GmbH CS5.244 Datasheet HTML 2Page - PULS GmbH CS5.244 Datasheet HTML 3Page - PULS GmbH CS5.244 Datasheet HTML 4Page - PULS GmbH CS5.244 Datasheet HTML 5Page - PULS GmbH CS5.244 Datasheet HTML 6Page - PULS GmbH CS5.244 Datasheet HTML 7Page - PULS GmbH CS5.244 Datasheet HTML 8Page - PULS GmbH CS5.244 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CS5.244
C-Line
24V, 5A, SINGLE PHASE INPUT
4. DC-INPUT
Do not operate this power supply with DC-input voltage. Use the QS5.241 unit instead.
5. INPUT INRUSH CURRENT
After turn-on of the input voltage, an active inrush limitation circuit limits the input inrush current. Virtually no input
inrush current is generated.
The charging current into the EMI suppression capacitors is disregarded in the first microseconds after switch-on.
Inrush current
max.
38Apeak
at 230Vac, +40°C ambient, cold start
typ.
30Apeak
at 230Vac, +40°C ambient, cold start
Inrush energy
max.
1A2s
at 230Vac, +40°C ambient, cold start
Fig. 5-1 Typical input inrush current behavior
1 >
2
2 >
3 >
Input:
230Vac
Output:
24V, 5A
Ambient:
+40°C
Upper curve:
Input current (20A / DIV)
Medium curve: Input voltage (200V / DIV)
Lower curve:
Output voltage (10V / DIV)
Time scale:
10ms / DIV
Jul. 2015 / Rev. 2.0 DS-CS5.244-EN
All parameters are specified at 24V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com