Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.244 Datasheet(PDF) 2 Page - PULS GmbH

Part # CS10.244
Description  24V, 10A, SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.244 Datasheet(HTML) 2 Page - PULS GmbH

  CS10.244 Datasheet HTML 1Page - PULS GmbH CS10.244 Datasheet HTML 2Page - PULS GmbH CS10.244 Datasheet HTML 3Page - PULS GmbH CS10.244 Datasheet HTML 4Page - PULS GmbH CS10.244 Datasheet HTML 5Page - PULS GmbH CS10.244 Datasheet HTML 6Page - PULS GmbH CS10.244 Datasheet HTML 7Page - PULS GmbH CS10.244 Datasheet HTML 8Page - PULS GmbH CS10.244 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CS10.244
C-Line
24V, 10A, SINGLE PHASE INPUT
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................4
3.
AC-Input...............................................................5
4.
DC-Input...............................................................6
5.
Input Inrush Current ...........................................6
6.
Output .................................................................7
7.
Hold-up Time.......................................................8
8.
Efficiency and Power Losses................................9
9.
Lifetime Expectancy and MTBF.........................10
10. Functional Diagram...........................................10
11. Terminals and Wiring........................................11
12. Front Side and User Elements...........................12
13. EMC....................................................................13
14. Environment ......................................................14
15. Protection Features ...........................................15
16. Safety Features ..................................................15
17. Dielectric Strength ............................................15
18. Approvals...........................................................16
19. RoHS, REACH and Other Fulfilled Standards ...16
20. Physical Dimensions and Weight ..................... 17
21. Accessories ........................................................ 18
21.1. ZM1.WALL - Wall Mounting Bracket.......18
21.2. ZM13.SIDE - Side Mounting Bracket........18
21.3. Redundancy Modules ...............................19
22. Application Notes............................................. 20
22.1. Peak Current Capability ...........................20
22.2. Back-feeding Loads ..................................21
22.3. External Input Protection.........................21
22.4. Output Circuit Breakers............................21
22.5. Parallel Use to Increase Output Power....22
22.6. Parallel Use for Redundancy ....................22
22.7. Series Operation .......................................22
22.8. Inductive and Capacitive Loads................22
22.9. Charging of Batteries ...............................23
22.10. Operation on Two Phases ........................23
22.11. Use in a Tightly Sealed Enclosure ............23
22.12. Mounting Orientations ............................24
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
TERMINOLOGY, ABREVIATIONS AND DEFINITIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 230V parameters are valid at 50Hz mains frequency.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
Jul. 2015 / Rev. 2.0 DS-CS10.244-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com