Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML15.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # ML15.241
Description  24V, 0.63A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button ML15.241 Datasheet HTML 15Page - PULS GmbH ML15.241 Datasheet HTML 16Page - PULS GmbH ML15.241 Datasheet HTML 17Page - PULS GmbH ML15.241 Datasheet HTML 18Page - PULS GmbH ML15.241 Datasheet HTML 19Page - PULS GmbH ML15.241 Datasheet HTML 20Page - PULS GmbH ML15.241 Datasheet HTML 21Page - PULS GmbH ML15.241 Datasheet HTML 22Page - PULS GmbH ML15.241 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ML15.241
MiniLine-2
24V, 0.63A, SINGLE PHASE INPUT
22.9. OPERATION ON TWO PHASES
Fuse
L2
L1
L3
L
N
PE
Power Supply
AC
DC
internal
fuse
The power supply can also be used on two-phases of a three-phase-system.
Such a phase-to-phase connection is allowed as long as the supplying
voltage is below 240V+10%. Use a fuse or a circuit breaker to protect the N
input. The N input is internally not protected and is in this case connected
to a hot wire. Appropriate fuses or circuit breakers are specified in section
22.4 “External Input Protection”.
22.10.USE WITHOUT PE ON THE INPUT
From a safety standpoint, the unit is internally designed according to the requirements for Protection Class 1 and 2.
Please contact PULS if you do not plan to use the PE terminal. A different marking of the front foil is then required.
Grounding of the input is beneficial for a high EMI immunity: Symmetrical spikes or fast transients on the input side
can be conducted directly to earth by the built-in filter capacitors. The magnitude of such spikes or fast transients on
the output side caused by the input is much smaller compared to not connecting this terminal to ground.
Fig. 22-3 Earthed input
Fig. 22-4 Not earthed input
Surge
Y
X
L
N
Ground
Power Supply
+
-
Surge
X
L
N
Power Supply
+
-
24V
Spike
Mar. 2013 / Rev. 2.1 DS-ML15.241-EN
All parameters are specified at 24V, 0.63A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com