Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML30.102 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML30.102
Description  NEC Class 2 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.102 Datasheet(HTML) 2 Page - PULS GmbH

  ML30.102 Datasheet HTML 1Page - PULS GmbH ML30.102 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC 100-240V (Wide Range), 47...63 Hz
Admiss. limits: AC 85...264V (DC 85...375V)
Input current
<0.6A (@ AC 100V, 30W Pout)
<0.25A (@ AC 240V, 30W Pout)
External fusing
not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V / 1.3ms), over entire load range
Hold-up time
(see diagram below)
>170ms @ AC 230V, 10V / 3A
>100ms @ AC 196V, 10V / 3A
>18ms @ AC 100V, 10V / 3A
Efficiency, Reliability
Efficiency
Losses
typ. 84%
(AC 230V, 10V / 3A)
(see also diagram below)
typ. 5.8W
(AC 230V, 10V / 3A)
MTBF (Reliability)
appr. 650.000h acc. to Siemensnorm SN 29500
(10V / 3A, AC 230V, Tamb = +40°C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100%)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
•Weight
45mm x 75mm x 91mm (+ DIN Rail))
250g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN Rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free.
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up.
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation.
• A jumper (output terminal) serves to adjust the output voltage
(10V resp. 12V).
Diagrams
0
20
40
60
80
100
120
90
125
160
195
230
Input voltage V ACin [V]
Pout=30W, typ.
Pout=30W, min.
Pout=15W, typ.
Pout=15W, min.
0
5
10
15
20
25
30
35
-10
0
10
20
30
40
50
60
70
Ambient temperature [°C]
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 10V, typ.)
(at Vout = 10V, typ. + min.)
0
2
4
6
8
10
12
14
0
1
2
3
456
Output current Iout [A]
230VAC
100-120VAC
Vout range
Mounting
85-150 V ACin A-a A-b A-c
150-264 V ACin A-a A-a A-b
100-375 V DCin A-a A-a A-b
85-100 V DCin B-b B-b B-c
a
b
B
A
c
50
55
60
65
70
75
80
85
90
0,3 0,6 0,9 1,2 1,5 1,8 2,1 2,4 2,7 3 3,3
Output current Iout [A]
120 V ACin
230 V ACin
Output
Output voltage
• preset
without jumper: DC 10-12V (adj. by front panel
potentiometer, adj. range guaranteed);
with jumper: 12V ±0.5%,
without jumper: 10V ±0.5%
Voltage regulation
stat. <1% @ Vout = 10V
stat. <1.2% @ Vout = 12V,
dyn. ±2.5% Vout over all
Ripple
Noise (Spikes)
<2mVPP (200kHz bandw., 50 Ω measurem.)
<10mVPP (20MHz bandw., 50 Ω measurem.)
Overvoltage prot. (OVP) <18V
Rated continuous
loading
at convection cooling:
max. Iout = 3A @ Vout = 10V,
max. Iout = 2.5A @ Vout = 12V,
details see derating diagram below
• power reserve
25%–40% (depending on Vin);
details see diagr. 'output characteristic' below
Overload behaviour
Straight V/I characteristic (depending on Vin);
details see diagr. 'output characteristic' below
Protection
Unit is protected against (also permanent)
short-circuit, overload and open-circuit.
Derating
depending on built-in orientation;
see diagram below
Power back immunity
30V
Operating indicator
Green LED (DC ON)
Environmental Data, EMC, Safety
Ambient temperature range (measured 25mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN60950, VDE0100/T.410), PELV (EN50178)
Class I (EN60950) / IP20 (EN60529)
The PSU complies with all major safety approvals for EU (EN 60950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR],CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950). NEC Class 2 Power Supply and Hazardous Locati-
on Class I Div. 2 (UL 1604)
Technical Data ML30.102
Product information (ML30e102), Rev.: 29. June 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They
are subject to change without prior notice.
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-299, E-Mail: sales@puls-power.com
www.puls-power.com
Spri
ng C
lam
ps
Derating
of output power



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com