Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML50.100 Datasheet(PDF) 13 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 13 Page - PULS GmbH

Back Button ML50.100 Datasheet HTML 9Page - PULS GmbH ML50.100 Datasheet HTML 10Page - PULS GmbH ML50.100 Datasheet HTML 11Page - PULS GmbH ML50.100 Datasheet HTML 12Page - PULS GmbH ML50.100 Datasheet HTML 13Page - PULS GmbH ML50.100 Datasheet HTML 14Page - PULS GmbH ML50.100 Datasheet HTML 15Page - PULS GmbH ML50.100 Datasheet HTML 16Page - PULS GmbH ML50.100 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/20
21. APPROVALS
IEC 60950-1
IECEE
CB SCHEME
CB Scheme,
Information Technology Equipment
IEC 60601-1
IECEE
CB SCHEME
CB Scheme,
Medical, Basic Insulation
UL 508
IND. CONT. EQ.
LISTED as Industrial Control Equipment E198865
UL2601
LISTED as Medical
UL 60950-1
RECOGNIZED E137006 recognized for the use in U.S.A. (UL 60950-1) and Canada
(C22.2 No. 60950). Information Technology Equipment, Level 3
NEC Class 2
Listed as Limited Power Source (LPS) in the UL 60950-1 UL report.
UL 1604
RECOGNIZED E246877
recognized for use in U.S.A. (UL 1604) and Canada (C22.2
No. 213-M1987) Hazardous Location Class I Div 2 T4 Groups A,B,C,D and
Class I Zone 2 Groups IIA, IIB and IIC
The unit is suitable for use in Class I Division 2 Groups A, B, C, D locations as well as for Class I Zone 2
Groups IIA, IIB and IIC locations. Substitution of components may impair suitability for Class I Division 2
environment. Do not disconnect equipment unless power has been switched off. Wiring must be in
accordance with Class I, Division 2 wiring methods of the National Electrical Code, NFPA 70, and in
accordance with other local or national codes.
Marine
GL
ABS GL (Germanischer Lloyd) classified and ABS (American Bureau for Shipping) PDA
for marine and offshore applications. Environmental category: C, EMC2
SEMI F47
SEMI F47-0200 Power Quality Star
Ride-through compliance for semiconductor industry.
Full SEMI range compliance (Input: 120Vac or 208Vac)
22. FULFILLED STANDARDS
EN 61558-2-17
Safety of Power Transformers
EN/IEC 60204-1
Safety of Electrical Equipment of Machines
EN/IEC 61131-2
Programmable Controllers
EN 50178, IEC 62103
Electronic Equipment in Power Installations
23. USED SUBSTANCES
Electrolytic capacitors included in this unit do not use electrolytes such as Quaternary Ammonium Salt Systems.
Plastic housings and other molded plastic materials are free of halogens, wires and cables are not PVC insulated.
The unit conforms to the RoHS directive 2002/96/EC
The materials used in our production process do not include the following toxic chemicals:
Polychlorinated Biphenyl (PCB), Pentachlorophenol (PCP), Polychlorinated naphthalene (PCN), Polybrominated
Biphenyl (PBB), Polybrominated Biphenyl Oxide (PBO), Polybrominated Diphenyl Ether (PBDE), Polychlorinated
Diphenyl Ether (PCDE), Polybrominated Diphenyl Oxide (PBDO), Cadmium, Asbestos, Mercury, Silica



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com