Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML50.109 Datasheet(PDF) 9 Page - PULS GmbH

Part # ML50.109
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.109 Datasheet(HTML) 9 Page - PULS GmbH

Back Button ML50.109 Datasheet HTML 5Page - PULS GmbH ML50.109 Datasheet HTML 6Page - PULS GmbH ML50.109 Datasheet HTML 7Page - PULS GmbH ML50.109 Datasheet HTML 8Page - PULS GmbH ML50.109 Datasheet HTML 9Page - PULS GmbH ML50.109 Datasheet HTML 10Page - PULS GmbH ML50.109 Datasheet HTML 11Page - PULS GmbH ML50.109 Datasheet HTML 12Page - PULS GmbH ML50.109 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/20
14. FRONT SIDE AND USER ELEMENTS
Fig. 14-1 Front side
DC-OK LED (green)
On when the voltage at the
output terminals is > 20 V
DC-OK LED and DC-OK signal
functions are synchronized
Output Voltage
Potentiometer
Turn to set the output voltage.
Factory set: 24.5V
Input Terminals
Spring-clamp terminals
N … Neutral input
L … Line (hot) input
... PE (Protective Earth) input
Output & Signal Terminals
Spring-clamp terminals
Dual terminals per pole
+
Positive output
-
Negative (return) output
Dual pins per pole
DC-OK Open collector output
Indicates an output
voltage higher than
20Vdc
15. TERMINALS AND WIRING
All terminals are easy to access when mounted on the panel. Input and output terminals are separated from each
other (input below, output above) to help in error-free wiring. Mounting and wiring do not require any screwdriver.
Type
Quick-connect spring-clamp terminals
Solid wire
0.3-4mm
2
Stranded wire
0.3-2.5mm
2
American wire gauge
26-12 AWG
Ferrules
Allowed, but not required
Wire stripping length
6mm / 0.25inch
Pull-out force
12AWG:60N, 14AWG:50N, 16AWG:40N
(according to UL486E)
Fig. 15-1 Connecting a wire
Instructions:
a)
Use appropriate copper cables
b)
Follow local and national installation codes and
regulations!
c)
Ensure that all strands of a stranded wire enter
the terminal connection!
d)
Do not use the unit without PE connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com