Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9250 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9250
Description  Quad Digitally Controlled Potentiometers (XDCP)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9250 Datasheet(HTML) 4 Page - Xicor Inc.

  X9250 Datasheet HTML 1Page - Xicor Inc. X9250 Datasheet HTML 2Page - Xicor Inc. X9250 Datasheet HTML 3Page - Xicor Inc. X9250 Datasheet HTML 4Page - Xicor Inc. X9250 Datasheet HTML 5Page - Xicor Inc. X9250 Datasheet HTML 6Page - Xicor Inc. X9250 Datasheet HTML 7Page - Xicor Inc. X9250 Datasheet HTML 8Page - Xicor Inc. X9250 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
X9250
Characteristics subject to change without notice.
4 of 21
REV 1.1.5 1/31/03
www.xicor.com
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW
to HIGH after a complete write sequence is received
by the device. The progress of this internal write
operation can be monitored by a write in process bit
(WIP). The WIP bit is read with a read status
command.
INSTRUCTIONS
Identification (ID) Byte
The first byte sent to the X9250 from the host,
following a CS going HIGH to LOW, is called the
Identification byte. The most significant four bits of the
slave address are a device type identifier, for the
X9250 this is fixed as 0101[B] (refer to Figure 2).
The two least significant bits in the ID byte select one
of four devices on the bus. The physical device
address is defined by the state of the A0-A1 input pins.
The X9250 compares the serial data stream with the
address input state; a successful compare of both
address bits is required for the X9250 to successfully
continue the command sequence. The A0–A1 inputs
can be actively driven by CMOS input signals or tied to
VCC or VSS.
The remaining two bits in the slave byte must be set to 0.
Figure 2. Identification Byte Format
Instruction Byte
The next byte sent to the X9250 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next four
bits point to one of the four pots and, when applicable,
they point to one of four associated registers. The
format is shown below in Figure 3.
Figure 3. Instruction Byte Format
1
00
0
0
A1
A0
Device Type
Identifier
Device Address
1
I1
I2
I3
I0
R1
R0
P1
P0
Pot Select
Register
Select
Instructions
Figure 1. Detailed Potentiometer Block Diagram
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Input
Counter
Register
Inc/Dec
Logic
UP/DN
CLK
Modified SCK
UP/DN
VH/RH
VL/RL
VW/RW
88
C
o
u
n
t
e
r
D
e
c
o
d
e
If WCR = 00[H] then VW/RW = VL/RL
If WCR = FF[H] then VW/RW = VH/RH
Wiper
(One of Four Arrays)
(WCR)
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com