Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2D Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # K2D
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

K2D Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  K2D Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. K2D Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES K22 THRU K2D
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2
0.001
0.01
0.1
1.0
10
0.1
1
0
10
20
30
40
50
50
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
20
0
40
60
80
100
120
140
1
2
4
6 8 10
20
40
60 80 100
50 60 70 80 90 100 110 120 130 140 150
0
0.5
1.0
1.5
2.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
20V - 40V
80V - 200V
PULSE WIDTH=300 S
1% DUTY CYCLE
T =100 C
J
T =75 C
J
0
10
50
0.1 0.4
1
4
10
20
100
100
500
FIG.5-TYPICAL JUNCTION CAPACITANCE
T =25 C
f=1.0MH
J
Z
Vsig=50mVp-p
20V - 40V
50V - 200V
20V - 40V
50V - 200V
RESISTIVE OR INDUCTIVE LOAD
C board mounted on 5.0mm
COPPER LAND AREAS
T =25 C
J
T =25 C
J
50V - 60V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com