Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10F Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MB10F
Description  Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MB10F Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  MB10F Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MB10F Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
60
160
140
100
80
20
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
40
120
SIN
ALUMINA SUBSTRATE
50.8mmX 50.8mm
SOLDERING LAND 1mmX 1mm
CONDUCTOR LAYER 20 mm
SUBSTRATE THICKNESS 0.64mm
FIG.5- TYPICAL FORWARD CHARACTERISTICS
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE. (V)
10
1
0.1
NUMBER OF CYCLES (CYCLE)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
100
10
35
30
25
20
15
10
5
0
Ta=40 C
Single Half Sine-Wave
(JEDEC Method)
1 Cycle
10ms 10ms
IFSM
NON-REPETITIVE,
SINE WAVE,
Tj= 25 C BEFORE
SURGE CURRENT IS APPLIED
O
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
1000
600
500
400
300
200
100
0
REVERSE VOLTAGE. (V)
200
500
Tj=25 C
0
50
0.1
0.5
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
100
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
Tj=75 C
0
MB2F-MB10F
RATING AND CHARACTERISTIC CURVES
JINAN JINGHENG ELECTRONICS CO., LTD.
2-2
HTTP://WWW.JINGHENGGROUP.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com