Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8468000000 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 8468000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8468000000 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 8468000000 Datasheet HTML 29Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 30Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 31Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 32Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 33Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 34Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 35Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 36Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 164 page
background image
Dimensions
mm
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
*Available on request
L = Enclosure with air vents
B = Cover panel closed
BL = Cover panel with air vents
F = Membrane keypad ared
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
31
Dimensions
mm
Dimensions
Inches
L x W x H
L x W x H
100 x 54 x 30
100 x 54 x 30
100 x 54 x 40
100 x 54 x 40
125 x 67 x 30
129 x 71 x 30
125 x 67 x 30
125 x 67 x 30
125 x 67 x 30
125 x 67 x 31
125 x 67 x 31
125 x 67 x 40
129 x 71 x 40
125 x 67 x 40
125 x 67 x 40
125 x 67 x 40
125 x 67 x 40
125 x 67 x 40
125 x 67 x 40
125 x 67 x 40
125 x 67 x 41
125 x 67 x 50
129 x 71 x 50
125 x 67 x 50
125 x 67 x 50
125 x 67 x 50
125 x 67 x 50
125 x 67 x 50
125 x 67 x 50
125 x 67 x 51
125 x 67 x 51
3.94 x 2.12 x 1.18
3.94 x 2.12 x 1.18
3.94 x 2.12 x 1.54
3.94 x 2.12 x 1.54
4.92 x 2.64 x 1.18
5.08 x 2.79 x 1.18
4.92 x 2.67 x 1.18
4.92 x 2.64 x 1.18
4.92 x 2.64 x 1.18
4.92 x 2.64 x 1.22
4.92 x 2.64 x 1.22
4.92 x 2.64 x 1.57
5.08 x 2.79 x 1.57
4.92 x 2.64 x 1.57
4.92 x 2.64 x 1.57
4.92 x 2.64 x 1.57
4.92 x 2.64 x 1.57
4.92 x 2.64 x 1.57
4.92 x 2.64 x 1.57
4.92 x 2.64 x 1.61
4.92 x 2.64 x 1.61
4.92 x 2.64 x 1.97
5.08 x 2.79 x 1.97
4.92 x 2.64 x 1.97
4.92 x 2.64 x 1.97
4.92 x 2.64 x 1.97
4.92 x 2.64 x 1.97
4.92 x 2.64 x 1.97
4.92 x 2.64 x 1.97
4.92 x 2.64 x 2.01
4.92 x 2.64 x 2.01
Model Number
Description
WL 1230 EG
SA 1230 EG
AK 1230 EG
MP 10 EG
MP 12 EG
S 1230 EG
MP 15 EG
MP 20 EG
Wall mounting brackets (set of 4)
Base screw covers (set of 4)
Keyhole knockout covers (set of 4)
Mounting plate for EG 1030-1040
Mounting plate for EG 1230-1250
4 assembly screws
Mounting plate for EG 1530-1560
Mounting plate for EG 2030-2070
• Provides optimal protection for your electronic products
• Versions available with or without ventilation
• Design covers and front panels made of aluminum or plastic also available
Executive Enclosures
Included in delivery
Lid and base, screws and cover or front panel depending
on model.
Technical Data
Color
Material
Ingress Protection
Flammability
Surface Resistance
Upper section, light gray, similar to RAL 7035. Lower section, agate gray, similar to RAL 7038.
Impact resistant polystyrene
IP 40 DIN EN 60529, dusttight
UL 94 HB/1.47
>1013 Ohm to DIN 53482
Accessories
EG 1530
EG 1530 L
EG 1530 B*
EG 1530 L-BL*
EG 1530 F
EG 1530 FL*
EG 1545
EG 1545 L
EG 1545 B*
EG 1545 L-BL*
EG 1545 FK
EG 1545 L-BL-FK*
EG 1545 B-FK*
EG 1545 F
EG 1545 FL*
EG 1560
EG 1560 L
EG 1560 B*
EG 1560 L-BL*
EG 1560 FK
EG 1560 L-BL-FK*
EG 1560 B-FK*
EG 1560 F
EG 1560 FL*
EG 2030
EG 2030 L
EG 2030 B*
EG 2030 L-BL*
EG 2030 F
EG 2030 FL*
EG 2050
EG 2050 L
EG 2050 B*
EG 2050 L-BL*
EG 2050 FK
EG 2050 L-BL-FK*
EG 2050 B-FK*
EG 2050 F
EG 2050 FL*
EG 2070
EG 2070 L
EG 2070 B*
EG 2070 L-BL*
EG 2070 FK
EG 2070 L-BL-FK*
EG 2070 B-FK*
EG 2070 F
EG 2070 FL*
32203002 00
32203012 00
32203032 00
32203022 00
32203062 00
32203067 00
32205002 00
32205012 00
32205032 00
32205022 00
32205042 00
32205055 00
32205052 00
32205062 00
32205067 00
32207002 00
32207012 00
32207032 00
32207022 00
32207042 00
32207057 00
32207052 00
32207062 00
32207067 00
32153002 00
32153012 00
32153032 00
32153022 00
32153062 00
32153067 00
32154502 00
32154512 00
32154532 00
32154522 00
32154542 00
32154557 00
32154552 00
32154563 00
32154567 00
32156002 00
32156012 00
32156032 00
32156022 00
32156042 00
32156057 00
32156052 00
32156062 00
32156067 00
Dimensions
Inches
Dimensions
Inches
Model
Number
Part
Number
Model
Number
Model
Number
Part
Number
Dimensions
mm
L x W x H
L x W x H
L x W x H
L x W x H
5.90 x 3.23 x 1.18
5.90 x 3.23 x 1.18
5.90 x 3.13 x 1.18
5.90 x 3.13 x 1.18
5.90 x 3.23 x 1.22
5.90 x 3.23 x 1.22
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.77
5.90 x 3.23 x 1.81
5.90 x 3.23 x 1.81
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.36
5.90 x 3.23 x 2.40
5.90 x 3.23 x 2.40
7.87 x 4.41 x 1.18
7.87 x 4.41 x 1.18
7.87 x 4.41 x 1.18
7.87 x 4.41 x 1.18
7.87 x 4.41 x 1.22
7.87 x 4.41 x 1.22
7.87 x 4.41 x 1.97
7.87 x 4.41 x 1.97
7.87 x 4.41 x 1.97
7.87 x 4.41 x 1.97
7.87 x 4.41 x 1.97
7.87 x 4.41 x 1.97
7.87 x 4.41 x 1.97
7.87 x 4.41 x 2.01
7.87 x 4.41 x 2.01
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.75
7.87 x 4.41 x 2.79
7.87 x 4.41 x 2.79
150 x 82 x 30
150 x 82 x 30
150 x 82 x 30
150 x 82 x 30
150 x 82 x 31
150 x 82 x 31
150 x 82 x 45
150 x 82 x 45
150 x 82 x 45
150 x 82 x 45
150 x 82 x 45
150 x 82 x 45
150 x 82 x 45
150 x 82 x 46
150 x 82 x 46
150 x 82 x 60
150 x 82 x 60
150 x 82 x 60
150 x 82 x 60
150 x 82 x 60
150 x 82 x 60
150 x 82 x 60
150 x 82 x 61
150 x 82 x 61
200 x 112 x 30
200 x 112 x 30
200 x 112 x 30
200 x 112 x 30
200 x 112 x 31
200 x 112 x 31
200 x 112 x 50
200 x 112 x 50
200 x 112 x 50
200 x 112 x 50
200 x 112 x 50
200 x 112 x 50
200 x 112 x 50
200 x 112 x 51
200 x 112 x 51
200 x 112 x 70
200 x 112 x 70
200 x 112 x 70
200 x 112 x 70
200 x 112 x 70
200 x 112 x 70
200 x 112 x 70
200 x 112 x 71
200 x 112 x 71
EG 1030
EG 1030 L
EG 1040
EG 1040 L
EG 1230
EG-AL 1230
EG 1230 L
EG 1230 B*
EG 1230 L-BL*
EG 1230 F
EG 1230 FL*
EG 1240
EG-AL 1240
EG 1240 L
EG 1240 B*
EG 1240 L-BL*
EG 1240 FK
EG 1240 F-BL-FK*
EG 1240 B-FK*
EG 1240 F
EG 1240 F-L*
EG 1250
EG-AL 1250
EG 1250 L
EG 1250 B*
EG 1250 L-BL*
EG 1250 FK
EG 1250 L-BL-FK*
EG 1250 B-FK*
EG 1250 F
EG 1250 FL*
32103000 00
32103010 00
32104000 00
32104010 00
32123002 00
32123090 00
32123012 00
32123032 00
32123022 00
32123062 00
32123067 00
32124002 00
32124090 00
32124012 00
32124032 00
32124022 00
32124042 00
32124057 00
32124052 00
32124062 00
32124067 00
32125002 00
32125090 00
32125012 00
32125032 00
32125022 00
32125042 00
32125057 00
32125052 00
32125062 00
32125067 00
Part
Number
FK = Plastic front panel
FKL = Plastic front panel with integrated ventilation
DOB = Front access lid screws (factory installaiton recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com