Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM83 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM83 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM83 Datasheet HTML 1Page - National Semiconductor (TI) LM83 Datasheet HTML 2Page - National Semiconductor (TI) LM83 Datasheet HTML 3Page - National Semiconductor (TI) LM83 Datasheet HTML 4Page - National Semiconductor (TI) LM83 Datasheet HTML 5Page - National Semiconductor (TI) LM83 Datasheet HTML 6Page - National Semiconductor (TI) LM83 Datasheet HTML 7Page - National Semiconductor (TI) LM83 Datasheet HTML 8Page - National Semiconductor (TI) LM83 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagram
Ordering Information
Order
Number
NS
Package
Number
Transport
Media
LM83CIMQA
MQA16A
(QSOP-16)
95 Units in
Rail
LM83CIMQAX
MQA16A
(QSOP-16)
2500 Units on
Tape and
Reel
Typical Application
Pin Description
Label
Pin #
Function
Typical Connection
D1+, D2+, D3+
1, 3, 5
Diode Current Source
To Diode Anode. Connected to remote discrete
diode junction or to the diode junction on a remote
IC whose die temperature is being sensed. When
not used they should be left floating.
V
CC
2
Positive Supply Voltage
Input
DC Voltage from 3.0 V to 3.6 V
QSOP-16
DS101058-2
TOP VIEW
DS101058-3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com