Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM828M5X Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM828M5X
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM828M5X Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM828M5X Datasheet HTML 1Page - National Semiconductor (TI) LM828M5X Datasheet HTML 2Page - National Semiconductor (TI) LM828M5X Datasheet HTML 3Page - National Semiconductor (TI) LM828M5X Datasheet HTML 4Page - National Semiconductor (TI) LM828M5X Datasheet HTML 5Page - National Semiconductor (TI) LM828M5X Datasheet HTML 6Page - National Semiconductor (TI) LM828M5X Datasheet HTML 7Page - National Semiconductor (TI) LM828M5X Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM828
Switched Capacitor Voltage Converter
General Description
The LM828 CMOS charge-pump voltage converter inverts a
positive voltage in the range of +1.8V to +5.5V to the corre-
sponding negative voltage of −1.8V to −5.5V. The LM828
uses two low cost capacitors to provide up to 25 mA of out-
put current.
The LM828 operates at 12 kHz switching frequency to re-
duce output resistance and voltage ripple. With an operating
current of only 40 µA (operating efficiency greater than 96%
with most loads), the LM828 provides ideal performance for
battery powered systems. The device is in a tiny SOT-23-5
package.
Features
n Inverts Input Supply Voltage
n SOT-23-5 Package
n 20
Ω Typical Output Impedance
n 97% Typical Conversion Efficiency at 5 mA
Applications
n Cellular Phones
n Pagers
n PDAs
n Operational Amplifier Power Supplies
n Interface Power Supplies
n Handheld Instruments
Basic Application Circuits
Voltage Inverter
DS100137-1
+5V to −10V Converter
DS100137-2
March 1999
© 1999 National Semiconductor Corporation
DS100137
www.national.com


Similar Part No. - LM828M5X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM828M5X TI1-LM828M5X Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
LM828M5X TI-LM828M5X Datasheet
875Kb / 15P
LM828 Switched Capacitor Voltage Converter
LM828M5X TI1-LM828M5X Datasheet
289Kb / 14P
Switched Capacitor Voltage Converter
LM828M5X TI-LM828M5X Datasheet
879Kb / 15P
Switched Capacitor Voltage Converter
LM828M5X-NOPB TI1-LM828M5X-NOPB Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
More results

Similar Description - LM828M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com