Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15005 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # KBPC15005
Description  SINGLE PHASE 15AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBPC15005 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KBPC15005 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBPC15005 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. KBPC15005 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
www.dyelec.com
1504
Glass passivated die construction
Forward Voltage per element
@IF=7.5A
KBPC15005 THRU KBPC1510
Average Rectified Output Current (Note 1)@T =90
300
1.1
SINGLE PHASE
AMP GLASS PASSIVATED BRIDGE RECTIFIER
300
Plastic material-UL flammability 94V-0
C
Typical Junction Capacitance per leg (Note 2)
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
15.0
15.0
1510
1508
1506
1502
1501
15005
Typical Thermal Resistance per leg
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1.4
Single Phase, half wave, 60Hz, resistive or inductive load.
ambient temperature unless otherwise specified.
·
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Features
Mechanical Data
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics
For capacitive load, derate current by 20%.
·
Low forward voltage drop
· High current capability
· High surge current capability
·
·
·
·
·
·
·
Rating at 25℃
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
RθJC
TJ,TSTG
℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
℃
℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
uA
pF
℃/W
IR
5.0
500
A
V
IFSM
UNITS
V
V
A
1000
100
200
400
600
800
50
TYPE NUMBER
Note:1. Mounted on 35mm x 35mm x 17mm Al Plate Heatsink.
version:00
A
J
C
dimensions in inches and (millimeters)
RRM
KBPC
HOLE
FOR
#10
SCREW
Case: KBPC,Molded Plastic
KBPC KBPC KBPC KBPC KBPC KBPC KBPC
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
373.5
IF(AV)
~
+
~
-
+
+
+
-
-
-


Similar Part No. - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC15005 WINGS-KBPC15005 Datasheet
220Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes)
logo
Semtech Corporation
KBPC15005 SEMTECH-KBPC15005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC15005 SSE-KBPC15005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC15005 CHENYI-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Dc Components
KBPC15005 DCCOM-KBPC15005 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Shanghai Lunsure Electr...
GBJ15005 CHENYI-GBJ15005 Datasheet
57Kb / 2P
15Amp glass passivated bridge rectifier 50to1000 volts
logo
SeCoS Halbleitertechnol...
GBU15005 SECOS-GBU15005_18 Datasheet
246Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GL1506B SECOS-GL1506B Datasheet
441Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GBJL1506 SECOS-GBJL1506 Datasheet
314Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005_17 Datasheet
247Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GBJ15005 SECOS-GBJ15005_15 Datasheet
204Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com