Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IP67
Description  7/16 STRAIGHT PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IP67 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IP67 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IP67 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
7/16
STRAIGHT PLUG
60S131-272B1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 7.5 GHz
Return loss
 35 dB, DC to 1 GHz
 30 dB, 1 GHz to 2.5 GHz
 25 dB, 2.5 GHz to 5 GHz
Insertion loss
 0.05 dB
Insulation resistance
 104 M
Center contact resistance
 0.4 m
Outer contact resistance
 1.5 m
Working voltage (at sea level)
500 V rms, 50 Hz
RF-leakage
 128 dB up to 1 GHz
Intermodulation (3rd order)
 -115 dBm @ 2 x 20 W
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
 500
Center contact captivation: axial
 200 N
radial
 2 Ncm
Coupling torque (recommended)
25 to 30 Nm
Proof torque
max. 35 Nm
Environmental data
Temperature range
-55°C to +155°C
Rapid change of temperature
DIN EN 122190, clause 4.6.7
Corrosion salt mist
DIN EN 122190, clause 4.6.10
Vibration
DIN EN 122190, clause 4.6.3
Damp heat
DIN EN 122190, clause 4.6.6
Climatic tests
DIN EN 122190, clause 4.6.5 (55/155/56)
Degree of protection (mated pair)
IEC 60529, IP67
RoHS
compliant
Tooling
N/A
Suitable cables
RTK-FS 141, UT 141, RG 402
Weight
Weight
97 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Hauke Schütt
19/04/05
J_Gramsamer
07.04.15
e00
15-0397
J_Krautenb.
07.04.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com